Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RGS Datasheet(PDF) 2 Page - Ohmite Mfg. Co.

Part # RGS
Description  (Potentiometers) Wirewound
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

RGS Datasheet(HTML) 2 Page - Ohmite Mfg. Co.

  RGS Datasheet HTML 1Page - Ohmite Mfg. Co. RGS Datasheet HTML 2Page - Ohmite Mfg. Co. RGS Datasheet HTML 3Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
188
Mounting: Panels to
0.25" (6.35mm) thick
with 3/8-32 bushing and
hex nut
(3/32" thick) (or with 10-32
x 0.75 flat-head screws
for model L only).
0.5"
12.7 mm
holes for:
no. 2 screws (model H)
no. 8 screws (J, G, K, L) mounting
bracket on
model L only
1.75"
44.5 mm
D
0.25"
6.35 mm
0.031"
0.79 mm
0.344"
8.73 mm
0.031"
0.79 mm
0.063"
1.59 mm
0.375"
9.53 mm
0.875"
22.23 mm
B
C
0.75"
19.05 mm
bushing
projection
0.625"
15.88 mm
shaft
locking
nut
standard shaft
(models H, J, G, K, L)
locking shaft
(only model H
stocked)
drill 0.188" (4.76 mm)
hole in panel.
washer not included
in model L
Rheostats
(Potentiometers) Wirewound
Models H, J, G, K, l
Models P, N, R, U
Max.
Ohmic
Voltage Behind panel “B" Diameter “D" Dimension “C"
Shaft
Rotation
Model Type
Watts range
Core
(RMS)*
(in./mm Ref.)
(in./mm Ref.) (in./mm Ref.)
torque
(±5°)
H RHS/RHL 25 1.0-25K open
500
1.375/34.93
1.560/ 39.62 0.940/23.88 0.25-0.5 lb. in. 300°
J
RJS
50 0.5-50K open
750
1.375/34.93
2.31 / 58.67 1.56 /39.62 0.25-2 lb. in. 300°
G
RGS
75 0.5-50K open
900
1.750/44.45
2.75 / 69.25 1.78 /45.21 0.5-2 lb. in. 300°
K
RKS
100 0.5-50K open 1000
1.750/44.45
3.125/ 79.38 1.91 /48.51 0.5-2 lb. in. 300°
L
RLS
150 0.5-50K open 1200
2.000 / 50.8
4.00 /101.60 2.28 /57.91 0.5-3 lb. in. 300°
• Models H, J, G, and K also available in enclosed versions.
• See Catalog #203 for complete details.
0.375"
9.53 mm
D
M M
1
/4
- 20 thread for
mounting screws
0.031"
0.79 mm
2"
51 mm B
1.563"
39.7 mm
C
holes for
no. 8 screws
Dimension “M"
P 0.875" 22.23 mm
N 1.188" 30.16 mm
R 1.5"
38.1 mm
U 3"
76.2 mm
Mounting: Panels
to 1.25" (31.75mm)
thick with 1/4-20
flat-head screws.
Max.
Ohmic
Voltage Behind panel “B" Diameter “D" Dimension “C"
Shaft
Rotation
Model Type
Watts range
Core
(RMS)*
(in./mm Ref.)
(in./mm Ref.) (in./mm Ref.)
torque
(±5°)
P
RPS
225 1.0-30K open 1300
2.125/53.98
5.00 /127.00 2.97 /75.44 2.5-4 lb. in.
310°
N
RNS
300 1.0-50K open 1225
2.375/60.33
6.00 /152.40 3.44 /87.38 2.5-5 lb. in.
320°
R
RRS
500 1.0-20K open 1450
2.125/53.98
8.00 /203.20 4.31/109.47 4.5-7 lb. in.
325°
U
RUS 1000 1.0-20K open 1600
3.000 / 76.2 12.00 /304.80 6.38/162.05 3.5-7 lb. in.
335°
• See Catalog #203 for complete details.
(continued)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com