Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS2107-WTBD Datasheet(PDF) 32 Page - Mitsubishi Electric Semiconductor

Part # GS2107-WTBD
Description  GRAPHIC OPERATION TERMINAL GOT SIMPLESeries
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

GS2107-WTBD Datasheet(HTML) 32 Page - Mitsubishi Electric Semiconductor

Back Button GS2107-WTBD Datasheet HTML 28Page - Mitsubishi Electric Semiconductor GS2107-WTBD Datasheet HTML 29Page - Mitsubishi Electric Semiconductor GS2107-WTBD Datasheet HTML 30Page - Mitsubishi Electric Semiconductor GS2107-WTBD Datasheet HTML 31Page - Mitsubishi Electric Semiconductor GS2107-WTBD Datasheet HTML 32Page - Mitsubishi Electric Semiconductor GS2107-WTBD Datasheet HTML 33Page - Mitsubishi Electric Semiconductor GS2107-WTBD Datasheet HTML 34Page - Mitsubishi Electric Semiconductor GS2107-WTBD Datasheet HTML 35Page - Mitsubishi Electric Semiconductor GS2107-WTBD Datasheet HTML 36Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 252 page
background image
4 - 2
4.2 Back Panel
4.2
Back Panel
GS2110-WTBD
GS2107-WTBD
No.
Name
Specifications
(1)
RS-232 interface
For communicating with controller (PLC, microcomputer board, RFID, etc) or personal computer
(OS installation, project data download, FA transparent) (D-sub 9-pin male)
(2)
RS-422 interface
For communicating with controller (PLC, microcomputer board, etc) (D-sub 9-pin female)
(3)
Ethernet interface
For Ethernet communication with controller (PLC, microcomputer board, etc) (RJ-45 connector)
(4)
USB interface
USB interface (host) for data transfer and saving
(5)
Hole for preventing the USB
cable from unplugging
Hole for preventing the USB cable from unplugging with a banding band
(6)
Rating plate (nameplate)
Model name, current consumption, production number, hardware version, and BootOS version are
described.
(7)
SD card interface
Interface for mounting an SD card to the GOT
(8)
SD card access LED
ON: SD card is accessed, OFF: SD card is not accessed
(9)
Power terminal
Power terminal and FG terminal (for power supply (24VDC) to GOT and grounding)
(10)
Ethernet communication
status LED
SD RD: Green light while data are being sent or received, 100M: Green light when the transmission
speed is 100Mbps
(6) (10)
(4)
(8)
(7)
(2)
(1)
(3)
(9)
(5)
(6)
(7)
(8)
(5)
(2)
(4)
(1)
(3)
(9)
(10)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com