Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBF5457 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MMBF5457
Description  To learn more about ON Semiconductor, please visit our website at
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBF5457 Datasheet(HTML) 2 Page - ON Semiconductor

  MMBF5457 Datasheet HTML 1Page - ON Semiconductor MMBF5457 Datasheet HTML 2Page - ON Semiconductor MMBF5457 Datasheet HTML 3Page - ON Semiconductor MMBF5457 Datasheet HTML 4Page - ON Semiconductor MMBF5457 Datasheet HTML 5Page - ON Semiconductor MMBF5457 Datasheet HTML 6Page - ON Semiconductor MMBF5457 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
G
D
S
2N5457
2N5458
2N5459
MMBF5457
MMBF5458
MMBF5459
N-Channel General Purpose Amplifier
This device is a low level audio amplifier and switching transistors,
and can be used for analog switching applications. Sourced from
Process 55.
Absolute Maximum Ratings*
TA = 25°C unless otherwise noted
Symbol
Parameter
Value
Units
VDG
Drain-Gate Voltage
25
V
VGS
Gate-Source Voltage
- 25
V
IGF
Forward Gate Current
10
mA
TJ, Tstg
Operating and Storage Junction Temperature Range
-55 to +150
°C
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
Thermal Characteristics
TA = 25°C unless otherwise noted
NOTES:
1) These ratings are based on a maximum junction temperature of 150 degrees C.
2) These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations.
G
S
D
TO-92
SOT-23
Mark: 6D / 61S / 6L
*Device mounted on FR-4 PCB 1.6" X 1.6" X 0.06."
1997 Fairchild Semiconductor Corporation
NOTE: Source & Drain
are interchangeable
Symbol
Characteristic
Max
Units
2N5457-5459
*MMBF5457-5459
PD
Total Device Dissipation
Derate above 25
°C
625
5.0
350
2.8
mW
mW/
°C
RθJC
Thermal Resistance, Junction to Case
125
°C/W
RθJA
Thermal Resistance, Junction to Ambient
357
556
°C/W



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com