Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N5457.. Datasheet(PDF) 3 Page - ON Semiconductor

Part # 2N5457..
Description  To learn more about ON Semiconductor, please visit our website at
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N5457.. Datasheet(HTML) 3 Page - ON Semiconductor

  2N5457.. Datasheet HTML 1Page - ON Semiconductor 2N5457.. Datasheet HTML 2Page - ON Semiconductor 2N5457.. Datasheet HTML 3Page - ON Semiconductor 2N5457.. Datasheet HTML 4Page - ON Semiconductor 2N5457.. Datasheet HTML 5Page - ON Semiconductor 2N5457.. Datasheet HTML 6Page - ON Semiconductor 2N5457.. Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
5
Electrical Characteristics
TA = 25°C unless otherwise noted
OFF CHARACTERISTICS
Symbol
Parameter
Test Conditions
Min
Typ
Max Units
ON CHARACTERISTICS
SMALL SIGNAL CHARACTERISTICS
V(BR)GSS
Gate-Source Breakdown Voltage
IG = 10
µA, VDS = 0
- 25
V
IGSS
Gate Reverse Current
VGS = -15 V, VDS = 0
VGS = -15 V, VDS = 0, TA = 100
°C
- 1.0
- 200
nA
nA
VGS(off)
Gate-Source Cutoff Voltage
VDS = 15 V, ID = 10 nA
5457
5458
5459
- 0.5
- 1.0
- 2.0
- 6.0
- 7.0
- 8.0
V
V
V
VGS
Gate-Source Voltage
VDS = 15 V, ID = 100
µA
5457
VDS = 15 V, ID = 200
µA
5458
VDS = 15 V, ID = 400
µA
5459
- 2.5
- 3.5
- 4.5
V
V
V
IDSS
Zero-Gate Voltage Drain Current*
VDS = 15 V, VGS = 0
5457
5458
5459
1.0
2.0
4.0
3.0
6.0
9.0
5.0
9.0
16
mA
mA
mA
gfs
Forward Transfer Conductance*
VDS = 15 V, VGS = 0, f = 1.0 kHz
5457
5458
5459
1000
1500
2000
5000
5500
6000
µmhos
µmhos
µmhos
gos
Output Conductance*
VDS = 15 V, VGS = 0, f = 1.0 kHz
10
50
µmhos
Ciss
Input Capacitance
VDS = 15 V, VGS = 0, f = 1.0 MHz
4.5
7.0
pF
Crss
Reverse Transfer Capacitance
VDS = 15 V, VGS = 0, f = 1.0 MHz
1.5
3.0
pF
NF
Noise Figure
VDS = 15 V, VGS = 0, f = 1.0 kHz,
RG = 1.0 megohm, BW = 1.0 Hz
3.0
dB
Transfer Characteristics
Transfer Characteristics
Typical Characteristics
*Pulse Test: Pulse Width ≤ 300 ms, Duty Cycle ≤ 2%
N-Channel General Purpose Amplifier
(continued)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com