Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X9DA7 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # X9DA7
Description  SuperChassis 836BE1C-R1K03B
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

X9DA7 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  X9DA7 Datasheet HTML 1Page - List of Unclassifed Manufacturers X9DA7 Datasheet HTML 2Page - List of Unclassifed Manufacturers X9DA7 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Chassis Manual
Optimization
Note: Im age above m ay show a varied configuration of optional
parts. Please refer to parts list for standard parts included.
Key Features
1. 3U chassis - supports for maximum
motherboard sizes: 13.68" x 13" E-ATX
and ATX
2. 16 x 3.5" hot-swap SAS/SATA drive bay
with SES2, optional 2 x 2.5" hot-swap drive
bay
3. 16-port 3U SAS3 12Gbps single-expander
backplane, support up to 16x 3.5-inch
SAS3/SATA3 HDD/SSD
4. 1U 800/1000W Redundant Titanium Single
Output Power Supply W/PMbus
5. 7 full-height & full-length expansion
slot(s)
6. 3 x 8cm hot-swap redundant PWM cooling
fan(s)
7. 2 x 8cm hot-swap exhaust fan(s) & air
shroud
SuperChassis 836BE1C-R1K03B


Similar Part No. - X9DA7

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
X9DR3-F ETC1-X9DR3-F Datasheet
10Mb / 111P
Supermicro Mainboard
X9DR7-LN4F ETC1-X9DR7-LN4F Datasheet
1Mb / 1P
Insert the desired number of DIMMs into the memory slots
X9DR7-TF ETC1-X9DR7-TF Datasheet
13Mb / 117P
Supermicro Mainboard
X9DR7-TF+ ETC1-X9DR7-TF+ Datasheet
13Mb / 117P
Supermicro Mainboard
X9DRE-7LN4F ETC1-X9DRE-7LN4F Datasheet
1Mb / 1P
Insert the desired number of DIMMs into the memory slots
More results

Similar Description - X9DA7

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CSE-PT51L ETC2-CSE-PT51L Datasheet
219Kb / 1P
SuperChassis 815TQ-R450UV / 815TQ-R450UB
PRSQ80GCBCB ETC2-PRSQ80GCBCB Datasheet
121Kb / 1P
SuperChassis 502-200B
S19258PBIB ETC2-S19258PBIB Datasheet
121Kb / 1P
SuperChassis 502-200B
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com