Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMSA283R3S/KR Datasheet(PDF) 6 Page - Interpoint Corporation Company

Part # SMSA283R3S/KR
Description  DC/DC CONVERTERS 28 VOLT INPUT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

SMSA283R3S/KR Datasheet(HTML) 6 Page - Interpoint Corporation Company

Back Button SMSA283R3S/KR Datasheet HTML 2Page - Interpoint Corporation Company SMSA283R3S/KR Datasheet HTML 3Page - Interpoint Corporation Company SMSA283R3S/KR Datasheet HTML 4Page - Interpoint Corporation Company SMSA283R3S/KR Datasheet HTML 5Page - Interpoint Corporation Company SMSA283R3S/KR Datasheet HTML 6Page - Interpoint Corporation Company SMSA283R3S/KR Datasheet HTML 7Page - Interpoint Corporation Company SMSA283R3S/KR Datasheet HTML 8Page - Interpoint Corporation Company SMSA283R3S/KR Datasheet HTML 9Page - Interpoint Corporation Company SMSA283R3S/KR Datasheet HTML 10Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MODEL NUMBERING KEY
SMD NUMBERS
PIN OUT
50
SMSA SERIES
5 WATT
DC/DC CONVERTERS
®
SMSA
28 05 S / K R
Base Model
Radiation Tolerance
Voltage In (28V)
Output Voltage
Environmental Screening
Number of Outputs
(S = single, D = dual)
Pin
Single Output
Dual Output
1
Positive Output
Positive Output
2
Output Common
Output Common
3
No connection
Negative Output
4
No connection
No connection
5
Inhibit
Inhibit
6
Positive Input
Positive Input
7
Input Common
Input Common
8
Case Ground
Case Ground
STANDARD MICROCIRCUIT
DRAWING (SMD)
IN PROCESS
5962-9309202HXC
5962-9309302HXC
5962-9309402HXC
5962-9308902HXC
5962-9309002HXC
SMSA SERIES
SIMILAR PART
SMSA283R3S/HO
SMSA2805S/HO
SMSA2812S/HO
SMSA2815S/HO
SMSA2812D/HO
SMSA2815D/HO
The SMD number shown is for Class H screening and no
Radiation Hardness Assurance (RHA) level. See the SMD for
the numbers for other screening and radiation levels. For
exact specifications for an SMD product, refer to the SMD
drawing. Call your Interpoint representative for status on the
SMSA SMD releases which are “in process.” SMDs can be
downloaded from:
http://www.dscc.dla.mil/programs/smcr
BOTTOM VIEW
SMSA
876
5
4
3
2
1
Squared corner on header and dot
on top of cover indicate pin one.
FIGURE 5: PIN OUT BOTTOM VIEW
See Figures 23 and 24 for dimensions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com