Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC4H-R4-AC240V Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # LC4H-R4-AC240V
Description  DIN 48 SIZE LCD ELECTRONIC COUNTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

LC4H-R4-AC240V Datasheet(HTML) 5 Page - Panasonic Semiconductor

  LC4H-R4-AC240V Datasheet HTML 1Page - Panasonic Semiconductor LC4H-R4-AC240V Datasheet HTML 2Page - Panasonic Semiconductor LC4H-R4-AC240V Datasheet HTML 3Page - Panasonic Semiconductor LC4H-R4-AC240V Datasheet HTML 4Page - Panasonic Semiconductor LC4H-R4-AC240V Datasheet HTML 5Page - Panasonic Semiconductor LC4H-R4-AC240V Datasheet HTML 6Page - Panasonic Semiconductor LC4H-R4-AC240V Datasheet HTML 7Page - Panasonic Semiconductor LC4H-R4-AC240V Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
LC4H/-L
Terminal layouts and Wiring diagrams
• 8-pin type
Relay output type
Transistor output type
• Screw terminal type
Relay output type
Transistor output type
Relay output type
Transistor output type
• 11-pin type
• Dimensions for flush mounting (with adapter installed)
• Dimensions for front panel installations
• Installation panel cut-out dimensions
The standard panel cut-out dimensions are shown
below. Use the mounting frame (AT8-DA4) and
rubber gasket (ATC18002).
• For connected installations
Note 1: The installation panel thickness should be between 1
and 5 mm .039 and .197 inch.
Note 2: For connected installations, the waterproofing ability
between the unit and installation panel is lost.
Screw terminal type: M3.5
Pin type
48
1.890
48
1.890
48
1.890
48
1.890
50
1.969
66
2.598
63.5
2.500
1
.039
Mounting frame
for flush mount
AT8-DA4 (supplied)
Mounting frame
for flush mount
AT8-DA4
(supplied)
Panel
Rubber gasket
ATC18002 (supplied)
Panel
Rubber gasket
ATC18002 (supplied)
50
1.969
1
.039
(
44.5
(
1.752
90
3.543
11-pin type
(11p cap AT8-DP11
sold separately)
8-pin type
(8p cap AD8-RC
sold separately)
LC4H
COUNTER
RESET
LOCK
COUNTER
LC4H
RESET
LOCK
UP
DOWN
OP.
RST
LOCK
OP.
RST
LOCK
DIN rail terminal block
8-pin type: AT8-DF8K
(sold separately)
11-pin type: AT8-DF11K
(sold separately)
Device installation rail
AT8-DLA1
(sold separately)
( ) Dimensions for 8-pin type.
95.5
(90.0)
3.760
(3.543)
80 min.
3.150
80 min.
3.150
45-0.6
0
45-0.6
0
1.772-.024
0
1.772-.024
0
A = (48
× n – 2.5)
–0.6
0
45-0.6
0
1.772-.024
0
A
8
5
1
7
6
2
3
4
NO
NC
NO
3
5
4
2
1 11
10
9
8
7
6
3
5
4
2
1 11
10
9
8
7
6
5
4
3
2
1
10
9
8
7
6
NO
NC
5
4
3
2
1
10
9
8
7
6
8
5
1
7
6
2
3
4
Reset
Input 1
Input 2
Operating
voltage
~
+
~
~
+
~
~
+
~
~
+
~
~
+
~
~
+
~
Reset
Input 1
Input 2
Operating
voltage
Reset
Lock
Input 2
Input 1
Operating
voltage
Reset
Lock
Input 2
Input 1
Reset
Lock
Input 2
Input 1
Operating
voltage
Operating
voltage
Reset
Lock
Input 2
Input 1
Operating
voltage
Note) For connecting the output leads of the transistor output type, refer to 5) Transistor output on page 141.
All Rights Reserved © COPYRIGHT Matsushita Electric Works, Ltd.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com