Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X9DAE Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # X9DAE
Description  SuperChassis 836BE1C-R1K03B
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

X9DAE Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  X9DAE Datasheet HTML 1Page - List of Unclassifed Manufacturers X9DAE Datasheet HTML 2Page - List of Unclassifed Manufacturers X9DAE Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Specifications
Product SKUs
CSE-
836BE1C-
R1K03B
SuperChassis 836BE1C-R1K03B
Form Factor
3U chassis - supports for maximum motherboard sizes:
13.68" x 13" E-ATX and ATX
Processor Support
Dual and Single Intel® and AMD processors
Dimensions
Height
5.2" (132 mm)
Width
17.2" (437 mm)
Depth
25.5" (647 mm)
Gross
Weight
72 lbs (32.66 kg)
Packaging
(W x H x L)
26.6" (676 mm) x 13" (330 mm) x 39.9"
(1013 mm)
Available
Color
Black
Expansion Slots
7 full-height & full-length expansion slot(s)
Drive Bays
16 x 3.5" hot-sw ap SAS/SATA drive bay w ith SES2
Optional 2 x 2.5" hot-sw ap drive bay
Backplane
16-port 3U SAS3 12Gbps single-expander backplane,
support up to 16x 3.5-inch SAS3/SATA3 HDD/SSD
Front Panel
Buttons
Pow er On/Off button
System Reset Button
LEDs
2 Netw ork Activity LEDs
HDD activity LED
Pow er Status LED
Pow er Fail LED
System Information LED
Systems Cooling
Fans
3 x 8cm hot-sw ap redundant PWM cooling
fan(s)
2 x 8cm hot-sw ap exhaust fan(s) & air
shroud
System Monitoring
Chassis intrusion sw itch
Operating Environment (System)
Operating
Temperature
Range
5°C - 35°C (41°F - 95°F)
Non-
Operating
Temperature
Range
-40°C - 70°C (-40°F - 158°F)
Operating
Relative
Humidity
Range
8% - 90% (non-condensing)
Non-
Operating
Relative
Humidity
Range
5% - 95% (non-condensing)
Pow er Supply
1U 800/1000W Redundant Titanium Single Output Pow er Supply
W/PMbus
Pow er
Efficiency
96%
Total Output
Pow er and
Input
800W w ith Input 100 - 127Vac
1000W w ith Input 200 - 240Vac
1000W w ith Input 200 - 240Vdc
AC Input
Frequency
50-60Hz
Dimensions
(L x W x H)
336 x 76 x 40 mm
Output Type
Backplanes (gold finger)
+12V
Max: 66.7A (100Vac - 127Vac)
Max: 83A (200Vac - 240Vac)
Max: 83A (200 - 240)
+5Vsb
Max: 4A / Min: 0A
Pow er
Distributor
PDB-PT826-8824
O/P: 12V/135
+5V Max: 40
+3.3V Max: 24
-12V Max: 0.6
Certification
Titanium Certified
Regulatory (Pow er Supply)
Pow er
Supply
Safety / EMC
BSMI
CCC
CE/EMC
FCC class A
UL/CB
UL/CUL



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com