Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X9DAI Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # X9DAI
Description  SuperChassis 836BE1C-R1K03B
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

X9DAI Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  X9DAI Datasheet HTML 1Page - List of Unclassifed Manufacturers X9DAI Datasheet HTML 2Page - List of Unclassifed Manufacturers X9DAI Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Components
Standard Parts List
Part Number
Qty
Description
Air Shroud
MCP-310-39001-0N
1
SC835/836/936 Intel DP X9-X10 PC air shroud 1368x13/12x13MB
HD Backplane
BPN-SAS3-836EL1
1
16-port 3U SAS3 12Gbps single-expander backplane, support up to
16x 3.5-inch SAS3/SATA3 HDD/SSD
Cable(S)
CBL-0071L
1
CBL,FRONT CNTL,16 TO 16 PIN,RA,RND TUBE,75CM,28AWG
Cable(S)
CBL-0088L
1
4 PIN MIDDLE FAN POWER CABLE (PWM). 27cm, 24AWG
CD-ROM & Accessory
MCP-290-00007-01
1
Black DVD dummy cover for SC825, 836
Fan(s)
FAN-0125L4
2
80x32 mm 6.7K RPM SC836 Rear Exhaust Fan w / Housing
Fan(s)
FAN-0126L4
3
80x80x38 mm 7K RPM Chassis Middle Fan w / Housing
Drive Tray(s)
MCP-220-00007-01
1
Black USB/COM port tray for SC825, 836
Drive Tray(s)
MCP-220-00075-0B
16
Black gen 5.5 hot-sw ap 3.5"; HDD tray
Pow er Distributor
PDB-PT826-8824
1
PDB w ith longer 24pin for SC826B
Part(s)
MCP-290-83601-0V
1 set
Silver chassis handles (left and right) for SC836/835
Pow er Supply &
Accessory
PWS-1K03A-1R
2
1U 1000W Redundant Pow er Supply Titanium W/PMbus
76x40x336mm,RoHS/REACH
Mounting Rail(s)
MCP-290-00053-0N
1
Rail set, quick/quick, default for 2,3U 17.2";W
Mounting Rail(s)
MCP-410-00007-0N
1
Rail screw bag
Rear Window
MCP-240-83605-0N
1
836B chassis rear w indow (to support the optional MCP-220-83605-
0N)
Optional Parts List
Part Number
Qty
Description
Rail
MCP-290-00058-0N
-
Quick-release outer rail for square hole short-depth rack (19"~26.4")
Hot-sw ap Capable Drive Kit MCP-220-83605-0N
-
Rear 2 X 2.5 Hot sw ap HDD kit for 836B/835B
Hot-sw ap Capable Drive Kit MCP-220-83608-0N
-
2.5x2 Hot-sw ap HDD kit w / fail LED for 836B(H)/835B
Hot-sw ap Capable Drive Kit MCP-220-81504-0N
-
2.5-in hot-sw ap slim floppy size drive kit w ith fail LED
Hot-sw ap Capable Drive Kit MCP-220-81506-0N
-
2.5-in hot-sw ap slim DVD size drive kit w ith fail LED
DVD-ROM / DVD-RW
DVM-TEAC-DVD-SBT3
-
BLACK TEAC SLIM DVD ROM SATA DRIVE
ROHS,HF,RoHS/REACH,PBF
DVD-ROM / DVD-RW
DVM-PNSC-DVD-SBT3
-
BLACK PANASONIC SLIM DVD ROM SATA DRIVE,HF,RoHS/REACH
SATA DVD Kit
MCP-220-81502-0N
-
Slim SATA DVD mounting kit for
SC213,219,813,815,818,819,825,828,829,836,842
HDD Tray Converter
MCP-220-00118-0B
-
Black gen-5.5 tool-less 3.5-to-2.5 converter drive tray,RoHS/REACH
Motherboard (for CSE- 836BE1C-R1K03B)
X9DR3-F
X9DRi-F
X9DRH-7F
X9DRH-7TF
X9DRH-iF
X9DRH-iTF
X9DRD-iF
X9DRD-7LN4F-JBOD
X9DRD-EF
X9DA7
X9DAE
X9DAi
X9DBL-3F
X9DBL-iF
X9DRD-7LN4F
X9DBL-3
X9DBL-i
X9DRD-LF
X9DRL-7F
X9DRL-EF
X9DB3-TPF
X9DB3-F
X9DBi-TPF
X9DBi-F
X10SLA-F
X9DRH-iF-NV
X10SRL-F
X10DRi-LN4+
X10DRi-T4+
X10DRC-T4+
X10DRC-LN4+
X10SRH-CF
X10SRH-CLN4F
X10DAX
X10DRL-CT
X10DRH-I
X10DRH-iT
X10DRH-CT
X10DRH-C
X10DRL-iT



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com