Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC4H8-R4-DC24V Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # LC4H8-R4-DC24V
Description  DIN 48 SIZE LCD ELECTRONIC COUNTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

LC4H8-R4-DC24V Datasheet(HTML) 4 Page - Panasonic Semiconductor

  LC4H8-R4-DC24V Datasheet HTML 1Page - Panasonic Semiconductor LC4H8-R4-DC24V Datasheet HTML 2Page - Panasonic Semiconductor LC4H8-R4-DC24V Datasheet HTML 3Page - Panasonic Semiconductor LC4H8-R4-DC24V Datasheet HTML 4Page - Panasonic Semiconductor LC4H8-R4-DC24V Datasheet HTML 5Page - Panasonic Semiconductor LC4H8-R4-DC24V Datasheet HTML 6Page - Panasonic Semiconductor LC4H8-R4-DC24V Datasheet HTML 7Page - Panasonic Semiconductor LC4H8-R4-DC24V Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Dimensions
• 4-digit display type
48
1.890
48
1.890
5.5
.217
70.1
2.760
55.6
2.189
7.5
.295
(
44.5
(
1.752
(
44.5
(
1.752
5.5
.217
64.5
2.539
7.5
.295
COUNTER
RESET
LOCK
UP
DOWN
OP.
RST
LOCK
LC4H
48
1.890
48
1.890
70.1
2.760
55.6
2.189
5.5
.216
64.5
2.539
7.5
.295
5.5
.217
7.5
.295
(
44.5
(
1.752
(
44.5
(
1.752
LC4H
COUNTER
RESET
LOCK
OP.
RST
LOCK
Screw terminal type: M3.5
(Flush mount)
mm inch
General tolerance:
±1.0 ±.039
Pin type
(Flush mount/Surface mount)
Screw terminal type: M3.5
(Flush mount)
Pin type
(Flush mount/Surface mount)
LC4H/-L
• 6-digit display type
Applicable standard
Safety standard
EN61812-1
Pollution Degree 2/Overvoltage Category II
EMC
(EMI)EN61000-6-4
Radiation interference electric field strength
Noise terminal voltage
(EMS)EN61000-6-2
Static discharge immunity
RF electromagnetic field immunity
EFT/B immunity
Surge immunity
Conductivity noise immunity
Power frequency magnetic field immunity
Voltage dip/Instantaneous stop/Voltage fluctuation immunity
EN55011 Group1 ClassA
EN55011 Group1 ClassA
EN61000-4-2
4 kV contact
8 kV air
EN61000-4-3
10 V/m AM modulation (80 MHz to 1 GHz)
10 V/m pulse modulation (895 MHz to 905 MHz)
EN61000-4-4
2 kV (power supply line)
1 kV (signal line)
EN61000-4-5
1 kV (power line)
EN61000-4-6
10 V/m AM modulation (0.15 MHz to 80 MHz)
EN61000-4-8
30 A/m (50 Hz)
EN61000-4-11 10 ms, 30% (rated voltage)
100 ms, 60% (rated voltage)
1,000 ms, 60% (rated voltage)
5,000 ms, 95% (rated voltage)
All Rights Reserved © COPYRIGHT Matsushita Electric Works, Ltd.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com