Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DW2038 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # DW2038
Description  CONTENTS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DW2038 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  DW2038 Datasheet HTML 1Page - List of Unclassifed Manufacturers DW2038 Datasheet HTML 2Page - List of Unclassifed Manufacturers DW2038 Datasheet HTML 3Page - List of Unclassifed Manufacturers DW2038 Datasheet HTML 4Page - List of Unclassifed Manufacturers DW2038 Datasheet HTML 5Page - List of Unclassifed Manufacturers DW2038 Datasheet HTML 6Page - List of Unclassifed Manufacturers DW2038 Datasheet HTML 7Page - List of Unclassifed Manufacturers DW2038 Datasheet HTML 8Page - List of Unclassifed Manufacturers DW2038 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
DOUBLE ENDED
BITS
1" SCREWDRIVER
BIT TIPS
HEAVY-DUTY ACCESSORIES
22
CAT #
DESCRIPTION
QTY
1" Phillips Bit Tips
DW2001
#1 Phillips
2
DW2001BL
#1 Phillips
100
DW2002
#2 Phillips
2
DW2002-10
#2 Phillips
10
DW2002BL
#2 Phillips
100
DW2002B10
#2 Phillips - Bag
10
DW2002DE
#2 Phillips Double Ended - IMPACT READY
™ 2
DW2002DEBL #2 Phillips Double Ended
100
DW2602
#2 Phillips Square Drive
2
DW2003
#3 Phillips
2
DW2003BL
#3 Phillips
100
DW2002B30
#2 Phillips - Bit Box
30
DW2002X10
#2 Phillips - Bit Box
10
DW2002B25
#2 Phillips - Bit Box
25
DW2002DEX15 #2 Phillips Double Ended - Bit Box 15
1" Drywall Bit Tips (Reduced Diameter)
DW2105
#2 Drywall
5
CAT #
DESCRIPTION
QTY
1" Drywall Bit Tips (Reduced Diameter) (cont.)
DW2004BL
#2 Drywall
100
DW2125
#2 Drywall - 25 Pack
25
DW2105CS
#2 Drywall - clipstrip
5
DW2125CS
#2 Drywall - 25 Pack - clipstrip
25
1" Deck Bit Tips
DW2025
Deck
3
1" Slotted Bit Tips
DW2006
#6 Slotted
2
DW2008
#8 Slotted
2
DW2008BL
#8 Slotted
100
DW2010
#10 Slotted
2
DW2010BL
#10 Slotted
100
DW2012
#12 Slotted
2
Square Recess Bit Tips
DW2201
#1 Square Recess
2
DW2201BL
#1 Square Recess
100
DW2202
#2 Square Recess
2
CAT #
DESCRIPTION
QTY
Square Recess Bit Tips (continued)
DW2200
#2 Square Recess
25
DW2202BL
#2 Square Recess
100
DW2202B10
#2 Square Recess - Bag
10
DW2203
#3 Square Recess
2
DW2203BL
#3 Square Recess
100
Torx
® Bit Tips
DW2610B
T10 Torx
®
50
DW2615B
T15 Torx
®
50
DW2620B
T20 Torx
®
50
DW2625B
T25 Torx
®
50
DW2627B
T27 Torx
®
50
DW2630B
T30 Torx
®
50
DW2640B
T40 Torx
®
50
6 in 1 Driver Bit Tips (Double Ended-Replacement)
DW2326
PH#2/SQ#2 - PH#3/SL#10
1
DW2327
PH#3/SL#8 - SQ#1/SQ#2
1
DW2328
T#15/T#20 - PH#1/SL#6
1
POWER BITS
CAT #
DESCRIPTION
QTY
1" Phillips Power Bits
DW2021
#1 Phillips 2"
1
DW2022
#2 Phillips 2"
1
DW2115
#2 Phillips 2" (multi-pack)
5
DW2022B
#2 Phillips 2"
100
DW2023
#3 Phillips 2"
1
DW2023B
#3 Phillips 2"
100
DW2031
#1 Phillips 3-1/2"
1
DW2032
#2 Phillips 3-1/2"
1
DW2033
#3 Phillips 3-1/2"
1
DW2061
#1 Phillips 6"
1
DW2062
#2 Phillips 6"
1
DW2063
#3 Phillips 6"
1
DW2022B6
#2 Phillips 2"- 6 Pack Bag
6
DW2022B8
#2 Phillips 2"- 8 Pack Bag
8
Deck Power Bits
DW2026
Deck
3
CAT #
DESCRIPTION
QTY
Slotted Power Bits
DW2015
#6 Slotted 2"
1
DW2016
#8 Slotted 2"
1
DW2017
#10 Slotted 2"
1
DW2036
#6 Slotted 3-1/2"
1
DW2038
#8 Slotted 3-1/2"
1
DW2040
#10 Slotted 3-1/2"
1
DW2042
#12 Slotted 3-1/2"
1
DW2064
#6 Slotted 6"
1
DW2065
#8 Slotted 6"
1
Square Recess Power Bits
DW2211
#1 Square Recess 2"
1
DW2211B
#1 Square Recess 2"
100
DW2212
#2 Square Recess 2"
1
DW2212B
#2 Square Recess 2"
100
DW2213
#3 Square Recess 2"
1
DW2231
#1 Square Recess 3-1/2"
1
DW2232
#2 Square Recess 3-1/2"
1
CAT #
DESCRIPTION
QTY
Square Recess Power Bits
DW2233
#3 Square Recess 3-1/2"
1
DW2261
#1 Square Recess 6"
1
DW2262
#2 Square Recess 6"
1
DW2263
#3 Square Recess 6"
1
Torx
® Power Bits
DW2645B
T10 Torx
® 2"
50
DW2648B
T15 Torx
® 2"
50
DW2660B
T20 Torx
® 2"
50
DW2665B
T25 Torx
® 2"
50
DW2670B
T30 Torx
® 2"
50
DW2680B
T40 Torx
® 2"
50
DW2645
T10 Torx
® 2"
1
DW2648
T15 Torx
® 2"
1
DW2660
T20 Torx
® 2"
1
DW2665
T25 Torx
® 2"
1
DW2670
T30 Torx
® 2"
1
DW2680
T40 Torx
® 2"
1
CAT #
DESCRIPTION
QTY
DW2024
#2 Phillips/#8 Slotted
1
DW2024B
#2 Phillips/#8 Slotted - Bulk
100
DW2028
#2 Phillips
1
DW2028B
#2 Phillips - Bulk
100
DW2029
#2 Phillips - 5 pack
5
DW2215
#2 Phillips/#2 Sq. Recess - 3 pack
3
DW2214
#2 Phillips/#2 Square Recess
1
DW2024B6
#2 Phillips/#8 Slotted - 6 pack
6
DW2028B6
#2 Phillips/#2 Phillips - 6 pack
6
DW2024CS
#2 Phillips/#8 Slotted - clipstrip
6
BIT TIP HOLDERS
CAT #
DESCRIPTION
QTY
DW2045
3" Magnetic - IMPACT READY
™
1
DW2046
2" Magnetic - IMPACT READY
™
1
DW2050
Quick Change
1
DW2045B
3" - Bulk - IMPACT READY
™
1
DWPVTHLD
Magnetic Pivot Holder - IMPACT READY
™
1
DEPTH SETTERS
CAT #
DESCRIPTION
QTY
DW2043
Adjustable Screw (Non Magnetic)
1
DW2014
Drywall Screw Setter
1
DW2014B
Drywall Screw Setter - Bulk
50
DW2014B3
Drywall Screw Setter in bag of 3
3
DW2014B4
Drywall Screw Setter in bag of 4
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com