Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC4H-R4-AC24VS Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # LC4H-R4-AC24VS
Description  DIN 48 SIZE LCD ELECTRONIC COUNTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

LC4H-R4-AC24VS Datasheet(HTML) 2 Page - Panasonic Semiconductor

  LC4H-R4-AC24VS Datasheet HTML 1Page - Panasonic Semiconductor LC4H-R4-AC24VS Datasheet HTML 2Page - Panasonic Semiconductor LC4H-R4-AC24VS Datasheet HTML 3Page - Panasonic Semiconductor LC4H-R4-AC24VS Datasheet HTML 4Page - Panasonic Semiconductor LC4H-R4-AC24VS Datasheet HTML 5Page - Panasonic Semiconductor LC4H-R4-AC24VS Datasheet HTML 6Page - Panasonic Semiconductor LC4H-R4-AC24VS Datasheet HTML 7Page - Panasonic Semiconductor LC4H-R4-AC24VS Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Features
1. Low Price
All this at an affordable price to provide
you with unmatched cost performance.
2. Display is a bright reflective-type
LCD.
3. Inherits all of the characteristics of
the LC4H digital timer.
• Seesaw switches ensure easy
operation.
• IP66 environmental protection.
• Shortened body
(pin type: 70.1 mm 2.760 inch,
screw type: 64.5 mm 2.539 inch
underhead).
4. Compliant with UL, c-UL and CE.
48
1.890
48
1.890
64.5
2.539
AEL11 Series
(4-digit display)
AEL13 Series
(6-digit display)
Pin type
Screw terminal type
Digit
Count speed
Output mode
Output
Operating voltage
Power down insurance
Terminal type
Part number
4
6
30 Hz (cps)/
5 KHz (Kcps)
switchable
• Maintain
output/hold count
• Maintain
output/over count I
• Maintain
output/over count II
• One shot/over
count
• One shot/recount I
• One shot/recount II
• One shot/hold
count
(7 modes)
Relay
(1c)
Transistor
(1a)
Relay
(1c)
Transistor
(1a)
100 to 240 V AC
12 to 24 V DC
100 to 240 V AC
12 to 24 V DC
100 to 240 V AC
12 to 24 V DC
100 to 240 V AC
12 to 24 V DC
24 V AC/DC
24 V AC/DC
24 V AC/DC
24 V AC/DC
Available
11 pins
Screw terminal
11 pins
Screw terminal
11 pins
Screw terminal
11 pins
Screw terminal
11 pins
Screw terminal
11 pins
Screw terminal
11 pins
Screw terminal
11 pins
Screw terminal
LC4HL-R4-AC240V
LC4HL-R4-AC240VS
LC4HL-R4-DC24V
LC4HL-R4-DC24VS
LC4HL-T4-AC240V
LC4HL-T4-AC240VS
LC4HL-T4-DC24V
LC4HL-T4-DC24VS
LC4HL-R6-AC240V
LC4HL-R6-AC240VS
LC4HL-R6-DC24V
LC4HL-R6-DC24VS
LC4HL-T6-AC240V
LC4HL-T6-AC240VS
LC4HL-T6-DC24V
8 pins
8 pins
8 pins
8 pins
8 pins
8 pins
8 pins
8 pins
LC4HL8-R4-AC240V
LC4HL8-R4-DC24V
LC4HL8-T4-AC240V
LC4HL8-T4-DC24V
LC4HL8-R6-AC240V
LC4HL8-R6-DC24V
LC4HL8-T6-AC240V
LC4HL8-T6-DC24V
LC4HL-T6-DC24VS
11 pins
Screw terminal
11 pins
Screw terminal
11 pins
Screw terminal
11 pins
Screw terminal
LC4HL-R4-AC24V
LC4HL-R4-AC24VS
LC4HL-T4-AC24V
LC4HL-T4-AC24VS
LC4HL-R6-AC24V
LC4HL-R6-AC24VS
LC4HL-T6-AC24V
8 pins
8 pins
8 pins
8 pins
LC4HL8-R4-AC24V
LC4HL8-T4-AC24V
LC4HL8-R6-AC24V
LC4HL8-T6-AC24V
LC4HL-T6-AC24VS
Product types
LC4H/-L
* A rubber gasket (ATC18002) and a mounting frame (AT8-DA4) are included.
mm inch
UL File No.: E122222
C-UL File No.: E122222
LC4H-L Counters
All Rights Reserved © COPYRIGHT Matsushita Electric Works, Ltd.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com