Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS22AF Datasheet(PDF) 2 Page - DAESAN ELECTRONIC CORP.

Part # SS22AF
Description  SCHOTTKY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

SS22AF Datasheet(HTML) 2 Page - DAESAN ELECTRONIC CORP.

  SS22AF Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. SS22AF Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG.1-FORWARD CURRENT DERATING CURVE
LEAD TEMPERATURE (℃)
FIG.3-TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE (V)
FIG.2-MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60 Hz
FIG.4-TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
RATINGS AND CHARACTERISTIC CURVES SS22AF THRU SS220AF
0
30
150
120
60
2.0
1.6
1.2
0.8
0.4
0
2.4
1
0.001
0.1
100
10
1
100
0
20
80
60
40
0.01
10
60
50
100
90
0.01
1
10
0.1
40
30
20
0
10
0
0.4
0.6
0.2
1.4
0.8
1.2
1.0
https://dec.co.kr
DAESAN ELECTRONIC CORP.
SS22AF~
SS26AF
SS22AF~
SS24AF
SS28AF~
SS220AF
TJ=125℃
TJ=25℃
SS26AF
SS28AF~
SS210AF
SS215AF~
SS220AF



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com