Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

29MPA0373 Datasheet(PDF) 2 Page - Mimix Broadband

Part # 29MPA0373
Description  26.0-31.0 GHz GaAs MMIC Power Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

29MPA0373 Datasheet(HTML) 2 Page - Mimix Broadband

  29MPA0373 Datasheet HTML 1Page - Mimix Broadband 29MPA0373 Datasheet HTML 2Page - Mimix Broadband 29MPA0373 Datasheet HTML 3Page - Mimix Broadband 29MPA0373 Datasheet HTML 4Page - Mimix Broadband 29MPA0373 Datasheet HTML 5Page - Mimix Broadband 29MPA0373 Datasheet HTML 6Page - Mimix Broadband 29MPA0373 Datasheet HTML 7Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©
2005 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
26.0-31.0 GHz GaAs MMIC
Power Amplifier
Page 2 of 7
Power Amplifier Measurements
29MPA0373
0 2 4 6 8 1012 14 16 18202224 26 28 30 32 3436 38 40 42 44 4648 50
Frequency (GHz)
S21,
-10
-8
-6
-4
-2
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
Vd = 4.5V, Vg = - 0.6V, Id1 = 216mA, Id3 = Id4 = 440mA
0 2 4 6 8 10 121416 18 20 2224 26 28 30 32 343638 40 42 44 46 4850
Frequency (GHz)
-80
-75
-70
-65
-60
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
S12,Vd = 4.5V, Vg =
0.6V, Id1 = 216mA, Id3 = Id4 = 440mA
0 2 4 6 8 10 12 14 16 18 20 22 24 26 28 30 32 34 36 38 40 42 44 46 48 50
Frequency (GHz)
-20
-19
-18
-17
-16
-15
-14
-13
-12
-11
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
S11,Vd = 4.5V, Vg = - 0.6V, Id1 = 216mA, Id3 = Id4 = 440mA
0 2 4 6 8 10 12 1416 18 2022 24 26 28 3032 34 3638 40 42 44 46 48 50
Frequency (GHz)
-24
-22
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
S22,Vd = 4.5V, Vg = - 0.6V, Id1 = 216mA, Id3 = Id4 = 440mA
May 2005 - Rev 05-May-05



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com