Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

30DBL0537 Datasheet(PDF) 2 Page - Mimix Broadband

Part # 30DBL0537
Description  14.5-17.0/29.0-34.0 GHz GaAs MMIC Active Doubler
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

30DBL0537 Datasheet(HTML) 2 Page - Mimix Broadband

  30DBL0537 Datasheet HTML 1Page - Mimix Broadband 30DBL0537 Datasheet HTML 2Page - Mimix Broadband 30DBL0537 Datasheet HTML 3Page - Mimix Broadband 30DBL0537 Datasheet HTML 4Page - Mimix Broadband 30DBL0537 Datasheet HTML 5Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Doubler Measurements
Page 2 of 5
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©
2005 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
14.5-17.0/29.0-34.0 GHz GaAs MMIC
Active Doubler
May 2005 - Rev 20-May-05
30DBL0537
30DBL0537: Pout (2xFin) and Pout (Fin) dBm vs. Fin (GHz)
Pin = +4 dBm, Vd = 5V
-30
-25
-20
-15
-10
-5
0
5
10
15
20
25
11
12
13
14
15
16
17
18
19
20
Fin (GHz)
Pout (2xFin)
Pout (Fin)
30DBL0537: Pout (2xFin) and Pout (Fin) dBm vs. Fin (GHz)
Pin = -6 to +4 dBm, Vd = 5V
-40
-35
-30
-25
-20
-15
-10
-5
0
5
10
15
20
25
11
12
13
14
15
16
17
18
19
20
Fin (GHz)
Pin = 4 dBm
Pin = -4 dBm
Pin = -2 dBm
Pin = 2 dBm
Pin = -6 dBm
Pin = 0 dBm
Pout (2xFin)
Pout (Fin)
30DBL0537: Pout (2xFin) dBm vs. Pin (dBm)
Fin = 14.5 to 17 GHz, Vd = 5V
0
5
10
15
20
25
-8
-6
-4
-2
0
2
4
6
Pin (dBm)
Fin = 14.5 GHz
Fin =15 GHz
Fin =15.5 GHz
Fin =16 GHz
Fin =16.5 GHz
Fin =17 GHz
30DBL0537: Pout (2xFin) and Pout (Fin) dBm vs. Pin (dBm)
Fin = 14.5 to 17 GHz, Vd = 5V
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
5
10
15
20
25
-8
-6
-4
-2
0
2
4
6
Pin (dBm)
Fin = 14.5 GHz
Fin = 15 GHz
Fin = 15.5 GHz
Fin = 16 GHz
Fin = 16.5 GHz
Fin = 17 GHz
Pout (2xFin)
Pout (Fin)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com