Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASFN34771 Datasheet(PDF) 15 Page - Panasonic Semiconductor

Part # ASFN34771
Description  Fan Motor Selector Chart
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ASFN34771 Datasheet(HTML) 15 Page - Panasonic Semiconductor

Back Button ASFN34771 Datasheet HTML 9Page - Panasonic Semiconductor ASFN34771 Datasheet HTML 10Page - Panasonic Semiconductor ASFN34771 Datasheet HTML 11Page - Panasonic Semiconductor ASFN34771 Datasheet HTML 12Page - Panasonic Semiconductor ASFN34771 Datasheet HTML 13Page - Panasonic Semiconductor ASFN34771 Datasheet HTML 14Page - Panasonic Semiconductor ASFN34771 Datasheet HTML 15Page - Panasonic Semiconductor ASFN34771 Datasheet HTML 16Page - Panasonic Semiconductor ASFN34771 Datasheet HTML 17Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
DC FAN MOTOR
DC FAN MOTOR and AC FAN MOTOR
Cautions For Use
1. Do not reverse-connect the power
supply. Although nothing adverse will
occur if the rated voltage is connected
in reverse for a short time period, the
fan will not operate.
2. If the power is to be pulsed on and
off in order to start and stop the fan
quickly, be sure to install a switch on
the + side of the power supply. Not
doing so may damage the circuit.
3. The DC fan motor installation
bracket has a rib. As shown in the
figure, use the through-bolts when
installing.
4. Use a tightening torque of no more
than 0.6 Nm.
Installation
surface
Fan motor
Through-bolt
1. Since our fan motor employs
precision ball bearings, due care
should be taken not to apply any
shock in handling.
2. Due to the bearing mechanism, the
noise level will increase in proportion
to the length of time the fan is used.
Avoid use where the temperature is
high or where there is a lot of dirt.
3. Do not allow substances such as oil
and grease to get onto the plastic part
of the fan body. Some oils and greases
decompose and become altered at
high temperatures. These can have an
adverse effect if they contact the fan.
Therefore, be very careful when
handling these substances.
4. Do not apply unnecessary force to
the internal parts when handling the
product. Also, do not use a fan that
has been dropped.
5. Fan life is based on usage at room
temperature and a humidity of 15 to
45% RH. Please verify life under actual
conditions, since life will depend on
the frequency and duration of use, as
well as the atmosphere in which it is
used.
6. Transport and storage conditions
The allowable specifications for
environments suitable for transportation
and storage are given below.
• No freezing between –20
°C to 0°C
–4
°F to +32°F
• No condensation in the range above
between 0
°C to +70°C
+32
°F to +158°F
1) Condensation
If the temperature is high and there is a
lot of humidity, condensation will occur
when the temperature suddenly changes.
This should be avoided because it can
cause degradation of the fan insulation.
2) Freezing
At temperatures below 0
°C +32°F
moisture such as that caused by
condensation will freeze and lead to
problems such as lockage of the moving
parts and operation lags. Be careful to
prevent this from happening.
3) Low-temperature, low-humidity
environments
Do not leave the fan for a long period in
an environment of low temperature and
low humidity. Doing so may cause the
plastic to become brittle.
4) When storing, avoid places of high
temperature and high humidity or where
corrosive gas is present.
5) Do not store the fan any longer than
six months.
Humidity
85
30
15
(%RH)
–20
0
40
70
Temperature
(
°C)
No freezing
Storage temperature range
No
condensation
02/2006
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com