Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZAV Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # ZAV
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

ZAV Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  ZAV Datasheet HTML 1Page - RUBYCON CORPORATION ZAV Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
♦DIMENSIONS
(mm)
φD
4
5
6.3
L
7
7
7
A1
4.3
5.3
6.6
B1
4.3
5.3
6.6
C
2.0
2.2
2.7
W1
0.5~0.8
0.5~0.8
0.5~0.8
P
0.8
1.3
1.8
α
0.3
0.3
0.3
812
8.3
8.3
2.9
0.8~1.1
3.1
0.5
6.3(0J)
10(1A)
16(1C)
25(1E)
35(1V)
0.38
0.72
0.21
0.36
0.70
0.20
0.36
0.68
0.25
0.46
0.85
0.22
0.39
0.79
0.21
230
150
310
230
150
310
230
150
310
230
150
310
230
150
310
22
10
56
33
15
100
47
22
18
8.2
4.7
27
15
6.8
47
5X7
4X7
6.3X7
5X7
4X7
6.3X7
0.053
930
470
8X12
5X7
4X7
6.3X7
5X7
4X7
6.3X7
5X7
4X7
6.3X7
0.054
0.058
0.057
0.055
930
930
930
930
330
82
120
180
8X12
8X12
8X12
8X12
ZAV
♦STANDARD SIZE
Rated voltage
(V.DC)
Rated capacitance
(
µF)
Size
φDXL(mm)
Rated ripple current
(mA r.m.s./105
°C, 100kHz)
Impedance
(
ΩMAX/20°C, 100kHz)
L+
α MAX
0.3MAX
A1±
0.2
W1
0.5MAX
SLEEVE



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com