Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B04B-JWPF-SK-R Datasheet(PDF) 1 Page - JST Mfg. Co., Ltd.

Part # B04B-JWPF-SK-R
Description  2.0mm pitch/Crimp style wire-to-wire connectors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

B04B-JWPF-SK-R Datasheet(HTML) 1 Page - JST Mfg. Co., Ltd.

  B04B-JWPF-SK-R Datasheet HTML 1Page - JST Mfg. Co., Ltd. B04B-JWPF-SK-R Datasheet HTML 2Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
2
7.5
4.5
15.2
6
4.5
11.7
Tab contact
Receptacle contact
Tab contact: Phosphor bronze, tin-plated (reflow treatment)
Receptacle contact: Copper alloy, tin-plated (reflow treatment)
Material and Finish
Model No.
mm2
AWG #
Insulation
O.D.
(mm)
Applicable wire
Q'ty /
reel
Tab contact
Receptacle
contact
SWPT-001T-P025 SWPR-001T-P025 0.13∼0.33
26
∼22
1.4
∼1.7
8,200
RoHS compliance
Note: Contact JST for brass products.
SWPT-001T-P025
SWPR-001T-P025
Contact
Crimping
machine
Crimp applicator with dies
AP-K2N
MK/SWPR/T-001-025
−
Crimp applicator
Dies
MKS-L
−
APLMK SWPR/T001-025
−
Applicator
Applicable for waterproof usage. This is
the wire-to-wire connector that is grade 7
ingress protection of
JIS C 0920 (IEC 60529 IPX7).
• Waterproof grade
• Contained seal ring
• Solid rubber seal
• Double-spring construction
• Housing-to-terminal locks
• Inner-housing lock
Specifications –––––––––––––––––––
• Current rating: 3A AC, DC (AWG #22)
• Voltage rating: 100V AC, DC
• Temperature range: -55˚C to +85˚C
(including temperature rise in applying
electrical current)
• Contact resistance: Initial value/ 10m Ω max.
After environmental testing/ 15m Ω max.
• Insulation resistance: 1,000M Ω min.
• Withstanding voltage: 1,000V AC/minute
• Applicable wire: AWG #26 to #22
0.13 to 0.33mm2
Insulation O.D./ 1.4 to 1.7mm
• Waterproof grade: Grade 7 ingress protection
of JIS C 0920(IEC 60529 IPX7)
* Compliant with RoHS.
* Refer to "General Instruction and Notice when using
Terminals and Connectors" at the end of this catalog.
* Contact JST for details.
Standards ––––––––––––––––––––––
0 Recognized E60389
JWPF CONNECTOR
2.0mm pitch/Crimp style wire-to-wire connectors
30.2
JST
44
Contact


Similar Part No. - B04B-JWPF-SK-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B04B-J21SK-GGXR ETC2-B04B-J21SK-GGXR Datasheet
874Kb / 16P
2.5mm pitch/Disconnectable Crimp style connectors(Wire-to-board/Wire-to-wire)
B04B-J21SK-GGYR ETC2-B04B-J21SK-GGYR Datasheet
874Kb / 16P
2.5mm pitch/Disconnectable Crimp style connectors(Wire-to-board/Wire-to-wire)
More results

Similar Description - B04B-JWPF-SK-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SZM-41T-P0.7 ETC1-SZM-41T-P0.7 Datasheet
137Kb / 5P
Disconnectable Crimp style Wire-to-wire connectors
PAP-02V-S ETC1-PAP-02V-S Datasheet
366Kb / 11P
2.0mm pitch/Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
B02B-PASK ETC2-B02B-PASK Datasheet
366Kb / 11P
2.0mm pitch/Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
B02B-PASK-1LFSN ETC2-B02B-PASK-1LFSN Datasheet
330Kb / 12P
2.0mm pitch/Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
SPNI-001T-P05 ETC2-SPNI-001T-P05 Datasheet
112Kb / 3P
2.0mm pitch/Crimp style wire-to-wire connectors
PNIRR-04VF ETC2-PNIRR-04VF Datasheet
102Kb / 3P
2.0mm pitch/Crimp style wire-to-wire connectors
PALR-08VF ETC2-PALR-08VF Datasheet
330Kb / 12P
2.0mm pitch/Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
logo
JST Mfg. Co., Ltd.
RWM JST-RWM Datasheet
279Kb / 5P
Disconnectable crimp style Wire-to-wire connectors
RWZ JST-RWZ Datasheet
125Kb / 3P
Disconnectable Crimp style Wire-to wire connectors
PA-SERIES JST-PA-SERIES Datasheet
340Kb / 12P
2.0mm pitch/Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com