Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFD-AC-R16 Datasheet(PDF) 7 Page - Eaton All Rights Reserved.

Part # MFD-AC-R16
Description  Control Relays and Timers EASY Intelligent Relays
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

MFD-AC-R16 Datasheet(HTML) 7 Page - Eaton All Rights Reserved.

Back Button MFD-AC-R16 Datasheet HTML 3Page - Eaton All Rights Reserved. MFD-AC-R16 Datasheet HTML 4Page - Eaton All Rights Reserved. MFD-AC-R16 Datasheet HTML 5Page - Eaton All Rights Reserved. MFD-AC-R16 Datasheet HTML 6Page - Eaton All Rights Reserved. MFD-AC-R16 Datasheet HTML 7Page - Eaton All Rights Reserved. MFD-AC-R16 Datasheet HTML 8Page - Eaton All Rights Reserved. MFD-AC-R16 Datasheet HTML 9Page - Eaton All Rights Reserved. MFD-AC-R16 Datasheet HTML 10Page - Eaton All Rights Reserved. MFD-AC-R16 Datasheet HTML 11Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Volume 7—Motor Controls, Logic and Connectivity
CA08100008E—August 2011
www.eaton.com
V7-T40-25
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40.3
Control Relays and Timers
EASY Intelligent Relays
EASY/MFD Expansion Modules
Contents
Description
Page
EASY500/700/800 Intelligent Relays . . . . . . . . . . .
V7-T40-20
EASY/MFD Expansion Modules
Technical Data and Specifications . . . . . . . . . .
V7-T40-26
Dimensions . . . . . . . . . . . . . . . . . . . . . . . . . . .
V7-T40-27
MFD Intelligent Relays . . . . . . . . . . . . . . . . . . . . .
V7-T40-28
EASY/MFD Communication Modules . . . . . . .
V7-T40-33
EASY/MFD Power Supplies, Accessories
and Software . . . . . . . . . . . . . . . . . . . . . . . . . . . .
V7-T40-36
EASY/MFD Expansion
Modules
Product Description
Expansion modules are
available for increasing the
input/output of the EASY700/
800 and MFD intelligent
relays to 24 inputs and up to
16 outputs. Expansion
modules can be mounted
directly to the EASY/MFD unit
or up to 98 ft. (30 m) away
using coupling module
EASY200-EASY.
Product Selection
EASY700/800/MFD I/O Expansion Modules 1
Note
1 All expansion modules include one EASY-LINK-DS.
Description
Inputs
Outputs
Catalog
Number
110–240 Vac
24 Vdc
Relay
Transistor
2 I/O expansion
—
—
2
—
EASY202-RE
18 I/O expansion
12
—
6
—
EASY618-AC-RE
—12
6
—
EASY618-DC-RE
20 I/O expansion
—
12
—
8
EASY620-DC-TE
Coupling module for remote mounting of expansion modules
EASY200-EASY
EASY202-RE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com