Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WFF634 Datasheet(PDF) 2 Page - Wisdom technologies Int`l

Part # WFF634
Description  N-Channel MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WISDOM [Wisdom technologies Int`l]
Direct Link  http://www.wisdom-technologies.com/index.aspx
Logo WISDOM - Wisdom technologies Int`l

WFF634 Datasheet(HTML) 2 Page - Wisdom technologies Int`l

  WFF634 Datasheet HTML 1Page - Wisdom technologies Int`l WFF634 Datasheet HTML 2Page - Wisdom technologies Int`l WFF634 Datasheet HTML 3Page - Wisdom technologies Int`l WFF634 Datasheet HTML 4Page - Wisdom technologies Int`l WFF634 Datasheet HTML 5Page - Wisdom technologies Int`l WFF634 Datasheet HTML 6Page - Wisdom technologies Int`l WFF634 Datasheet HTML 7Page - Wisdom technologies Int`l  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
(Note 4)
(Note 4, 5)
(Note 4, 5)
(Note 4)
Electrical Characteristics
TC = 25°C unless otherwise noted
Notes:
1. Repetitive Rating : Pulse width limited by maximum junction temperature
2. L = 4.9mH, IAS = 8.1A, VDD = 50V, RG = 25 Ω, Starting TJ = 25°C
3. ISD ≤ 8.1A, di/dt ≤ 300µA/s, VDD ≤ BVDSS, Starting TJ = 25°C
4. Pulse Test : Pulse width ≤ 300
µs, Duty cycle ≤ 2%
5. Essentially independent of operating temperature
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Off Characteristics
BVDSS
Drain-Source Breakdown Voltage
VGS = 0 V, ID = 250 µA
250
--
--
V
∆BVDSS
/
∆TJ
Breakdown Voltage Temperature
Coefficient
ID = 250 µA, Referenced to 25°C
--
0.25
--
V/°C
IDSS
Zero Gate Voltage Drain Current
VDS = 250 V, VGS = 0 V
--
--
1
µA
VDS = 200 V, TC = 125°C
--
--
10
µA
IGSSF
Gate-Body Leakage Current, Forward
VGS = 25 V, VDS = 0 V
--
--
100
nA
IGSSR
Gate-Body Leakage Current, Reverse
VGS = -25 V, VDS = 0 V
--
--
-100
nA
On Characteristics
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 250 µA
2.0
--
4.0
V
RDS(on)
Static Drain-Source
On-Resistance
VGS =10 V, ID=4.05 A
--
0.37
0.45
Ω
gFS
Forward Transconductance
VDS = 40 V, ID = 4.05 A
--
7.5
--
S
Dynamic Characteristics
Ciss
Input Capacitance
VDS = 25 V, VGS = 0 V,
f = 1.0 MHz
--
735
960
pF
Coss
Output Capacitance
--
120
155
pF
Crss
Reverse Transfer Capacitance
--
35
45
pF
Switching Characteristics
td(on)
Turn-On Delay Time
VDD = 125V, ID = 8.1 A,
RG = 25 Ω
--
15
40
ns
tr
Turn-On Rise Time
--
85
180
ns
td(off)
Turn-Off Delay Time
--
80
170
ns
tf
Turn-Off Fall Time
--
60
130
ns
Qg
Total Gate Charge
VDS = 200 V, ID = 8.1A,
VGS = 10 V
--
29
38
nC
Qgs
Gate-Source Charge
--
4.2
--
nC
Qgd
Gate-Drain Charge
--
14
--
nC
Drain-Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain-Source Diode Forward Current
--
--
8.1
A
ISM
Maximum Pulsed Drain-Source Diode Forward Current
--
--
32.4
A
VSD
Drain-Source Diode Forward Voltage
VGS = 0 V, IS = 8.1 A
--
--
1.5
V
trr
Reverse Recovery Time
VGS = 0 V, IS = 8.1 A,
dIF / dt = 100 A/µs
--
215
--
ns
Qrr
Reverse Recovery Charge
--
1.25
--
µC



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com