Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WFF730 Datasheet(PDF) 4 Page - Wisdom technologies Int`l

Part # WFF730
Description  N-Channel MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WISDOM [Wisdom technologies Int`l]
Direct Link  http://www.wisdom-technologies.com/index.aspx
Logo WISDOM - Wisdom technologies Int`l

WFF730 Datasheet(HTML) 4 Page - Wisdom technologies Int`l

  WFF730 Datasheet HTML 1Page - Wisdom technologies Int`l WFF730 Datasheet HTML 2Page - Wisdom technologies Int`l WFF730 Datasheet HTML 3Page - Wisdom technologies Int`l WFF730 Datasheet HTML 4Page - Wisdom technologies Int`l WFF730 Datasheet HTML 5Page - Wisdom technologies Int`l WFF730 Datasheet HTML 6Page - Wisdom technologies Int`l WFF730 Datasheet HTML 7Page - Wisdom technologies Int`l  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
25
50
75
100
125
150
0
1
2
3
4
5
6
T
C, Case Temperature [
]
℃
10
0
10
1
10
2
10
3
10
-2
10
-1
10
0
10
1
10
2
10 µs
DC
10 ms
1 ms
100 µs
Operation in This Area
is Limited by R
DS(on)
Notes :
※
1. T
C = 25
oC
2. T
J = 150
oC
3. Single Pulse
V
DS, Drain-Source Voltage [V]
-100
-50
0
50
100
150
200
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Notes :
※
1. V
GS = 10 V
2. I
D = 3.0 A
T
J, Junction Temperature [
oC]
-100
-50
0
50
100
150
200
0.8
0.9
1.0
1.1
1.2
Notes:
※
1. V
GS =0 V
2. I
D = 250µA
T
J, Junction Temperature [
oC]
Typical Characteristics (Continued)
Figure 9. Maximum Safe Operating Area
Figure 10. Maximum Drain Current
vs Case Temperature
Figure 7. Breakdown Voltage Variation
vs Temperature
Figure 8. On-Resistance Variation
vs Temperature
Figure 11. Transient Thermal Response Curve
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
-2
10
-1
10
0
N o te s :
※
1 . Z
θ JC(t ) = 3 . 3 1
/W M a x .
℃
2 . D u ty F a c to r , D = t
1 /t 2
3 . T
JM - T C = P DM * Z θ JC(t )
s ingle puls e
D= 0 .5
0.02
0.2
0.05
0.1
0.01
t
1 , S q u a r e W a v e P u l s e D u r a ti o n [s e c ]



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com