Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCX124EU Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DCX124EU
Description  SMALL SIGNAL COMPLEMENTARY PRE-BIASED DUAL TRANSISTOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DCX124EU Datasheet(HTML) 2 Page - Diodes Incorporated

  DCX124EU Datasheet HTML 1Page - Diodes Incorporated DCX124EU Datasheet HTML 2Page - Diodes Incorporated DCX124EU Datasheet HTML 3Page - Diodes Incorporated DCX124EU Datasheet HTML 4Page - Diodes Incorporated DCX124EU Datasheet HTML 5Page - Diodes Incorporated DCX124EU Datasheet HTML 6Page - Diodes Incorporated DCX124EU Datasheet HTML 7Page - Diodes Incorporated DCX124EU Datasheet HTML 8Page - Diodes Incorporated DCX124EU Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
DCX (XXXX) U
Document number: DS30347 Rev. 20 - 2
2 of 14
www.diodes.com
December 2021
© Diodes Incorporated
DCX (XXXX) U
Ordering Information (Notes 4, 5) (continued)
Product
Status
Compliance
Marking
Reel Size
(inches)
Tape Width
(mm)
Quantity per
Reel
DCX114EUQ-7-F
NRND (Use ACX114EUQ)
Automotive
C13
7
8
3,000
DCX114EUQ-13-F
NRND (Use ACX114EUQ)
Automotive
C13
13
8
10,000
DCX114EUQ-13R-F
NRND (Use ACX114EUQ)
Automotive
C13
13
8
10,000
DCX143TU-7-F
Active
Standard
C07
7
8
3,000
DCX143EU-7-F
Active
Standard
C08
7
8
3,000
DCX114TU-7-F
Active
Standard
C12
7
8
3,000
DCX143ZU-7-F
Active
Standard
C02
7
8
3,000
DCX115EU-7-F
Active
Standard
C01
7
8
3,000
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-
free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at https://www.diodes.com/design/support/packaging/diodes-packaging/.
5. NRND = Not Recommended for New Design.
Marking Information
SOT363
Date Code Key
Year
2020
2021
2022
2023
2024
2025
2026
2027
2028
2029
2030
2031
Code
H
I
J
K
L
M
N
O
P
R
S
T
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
CXX = Product Type Marking Code
YM = Date Code Marking
Y or Y= Year (ex: I = 2021)
M = Month (ex: D = December)
CXXYM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com