Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DDC144TH Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DDC144TH
Description  NPN PRE-BIASED SMALL SIGNAL DUAL SURFACE MOUNT TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDC144TH Datasheet(HTML) 2 Page - Diodes Incorporated

  DDC144TH Datasheet HTML 1Page - Diodes Incorporated DDC144TH Datasheet HTML 2Page - Diodes Incorporated DDC144TH Datasheet HTML 3Page - Diodes Incorporated DDC144TH Datasheet HTML 4Page - Diodes Incorporated DDC144TH Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DDC144TH
Document number: DS37170 Rev. 1 - 2
2 of 5
www.diodes.com
December 2014
© Diodes Incorporated
DDC144TH
Absolute Maximum Ratings (@T
A = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Supply Voltage
VCC
50
V
Input Voltage
VIN
-10 to +40
V
Output Current
IC(MAX)
100
mA
Thermal Characteristics (@T
A = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Power Dissipation (Notes 5 & 6)
PD
150
mW
Thermal Resistance, Junction to Ambient Air (Note 5)
RJA
833
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@T
A = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Collector-Base Breakdown Voltage
BVCBO
50
V
IC = 50μA
Collector-Emitter Breakdown Voltage
BVCEO
50
V
IC = 1mA
Emitter-Base Breakdown Voltage
BVEBO
5
V
IE = 50μA
Collector Cutoff Current
ICBO
0.5
μA
VCB = 50V
Emitter Cutoff Current
IEBO
0.5
μA
VEB = 4V
Collector-Emitter Saturation Voltage
VCE(sat)
0.3
V
IC/IB = 1mA / 0.1mA
DC Current Transfer Ratio
hFE
100
250
600
IC = 1mA, VCE = 5V
Input Resistor (R1)
R1
32.9
4
7Ω
61.1
k
Ω
Gain-Bandwidth Product (Note 7)
fT
250
MHz
VCE = 10V, IE = -5mA, f = 100MHz
Notes:
5. Mounted on FR4 PC Board with minimum recommended pad layout.
6. 200mW per element must not be exceeded.
7. Transistor - For Reference Only



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com