Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DEMD48-7 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DEMD48-7
Description  DUAL NPN/PNP PRE-BIASED TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DEMD48-7 Datasheet(HTML) 2 Page - Diodes Incorporated

  DEMD48-7 Datasheet HTML 1Page - Diodes Incorporated DEMD48-7 Datasheet HTML 2Page - Diodes Incorporated DEMD48-7 Datasheet HTML 3Page - Diodes Incorporated DEMD48-7 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DS31224 Rev. 4 - 2
2 of 4
www.diodes.com
DEMD48
© Diodes Incorporated
Electrical Characteristics, Pre-Biased NPN Transistor, Q1 @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Collector-Base Cut-Off Current
ICBO
-
-
100
nA
VCB = 50V, IE = 0A
Collector-Emitter Cut-Off Current
ICEO
-
-
1
50
μA
VCE = 30V, IB = 0A
B
VCE = 30V, IB = 0A, T
B
A = 150°C
Emitter-Base Cut-Off Current
IEBO
-
-
90
μA
VEB = 5V, IC = 0A
VI(off)
-
1.2
0.8
V
VCE = 5V, IO = 100μA
Input Voltage
VI(on)
3
1.6
-
V
VCE = 0.3V, IO = 2mA
Collector-Emitter Saturation Voltage
VCE(SAT)
-
-
0.15
V
IC/IB = 10mA/0.5mA
B
DC Current Gain
hFE
80
-
-
-
VCE = 5V, IC = 5mA
Input Resistance
R1
33
47
61
k
Ω
-
Resistance Ratio
R2/R1
0.8
1
1.2
-
-
Collector Capacitance
CC
-
-
2.5
pF
VCB = 10V, IE = 0, f = 1MHz
Electrical Characteristics, Pre-Biased PNP Transistor, Q2 @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Collector-Base Cut-Off Current
ICBO
-
-
-100
nA
VCB = -50V, IE = 0A
Collector-Emitter Cut-Off Current
ICEO
-
-
-1
-50
μA
VCE = -30V, IB = 0A
B
VCE = -30V, IB = 0A, T
B
A = 150°C
Emitter-Base Cut-Off Current
IEBO
-
-
-180
μA
VEB = -5V, IC = 0A
VI(off)
-
-0.6
-0.5
V
VCC = -5V, IO = -100μA
Input Voltage
VI(on)
-1.1
-0.75
-
V
VO = -0.3V, IO = -5mA
Collector-Emitter Saturation Voltage
VCE(SAT)
-
-
-0.1
V
IC/IB = -5mA/-0.25mA
B
DC Current Gain
hFE
100
-
-
-
VCE = -5V, IC = -10mA
Input Resistance
R1
1.54
2.2
2.86
k
Ω
-
Resistance Ratio
R2/R1
17
21
26
-
-
Collector Capacitance
CC
-
-
3.0
pF
VCB = -10V, IE = 0, f = 1MHz
1
10
100
1,000



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com