Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DGD0215 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DGD0215
Description  1.9A HIGH SPEED SINGLE GATE DRIVER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DGD0215 Datasheet(HTML) 2 Page - Diodes Incorporated

  DGD0215 Datasheet HTML 1Page - Diodes Incorporated DGD0215 Datasheet HTML 2Page - Diodes Incorporated DGD0215 Datasheet HTML 3Page - Diodes Incorporated DGD0215 Datasheet HTML 4Page - Diodes Incorporated DGD0215 Datasheet HTML 5Page - Diodes Incorporated DGD0215 Datasheet HTML 6Page - Diodes Incorporated DGD0215 Datasheet HTML 7Page - Diodes Incorporated DGD0215 Datasheet HTML 8Page - Diodes Incorporated DGD0215 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
DGD0215/0216
Document number: DS40183 Rev. 6 - 2
2 of 11
www.diodes.com
June 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
DGD0215/0216
Pin Diagrams
Pin Descriptions
Pin Number
Pin Name
Function
1
IN*
Logic Input, In Phase with OUT* (DGD0215), Out of Phase with OUT (DGD0216), leave open when not in use.
2
COM
Supply Return
3
IN
Logic Input, Out of Phase with OUT* (DGD0215), In Phase with OUT (DGD0216), leave open when not in use.
4
OUT*/OUT
Gate Drive Output
5
VCC
Supply Input
Functional Block Diagram
Top View: TSOT25 (Standard)
DGD0215
DGD0216
VCC
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com