Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DGD0216 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # DGD0216
Description  1.9A HIGH SPEED SINGLE GATE DRIVER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DGD0216 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button DGD0216 Datasheet HTML 3Page - Diodes Incorporated DGD0216 Datasheet HTML 4Page - Diodes Incorporated DGD0216 Datasheet HTML 5Page - Diodes Incorporated DGD0216 Datasheet HTML 6Page - Diodes Incorporated DGD0216 Datasheet HTML 7Page - Diodes Incorporated DGD0216 Datasheet HTML 8Page - Diodes Incorporated DGD0216 Datasheet HTML 9Page - Diodes Incorporated DGD0216 Datasheet HTML 10Page - Diodes Incorporated DGD0216 Datasheet HTML 11Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
DGD0215/0216
Document number: DS40183 Rev. 6 - 2
9 of 11
www.diodes.com
June 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
DGD0215/0216
PCB Layout Information
The DGD0215 and DGD0216 High Speed, Low-Side, single Gate Drivers demand a fast switching current through VCC, and in the power
switching circuit a much larger current will be switched through the MOSFET. Typical applications are PFC or boost converter. Particular
consideration for layout is key to ensuring optimal operation of the Gate Driver IC as well as to minimizing ringing and noise on the power line
(VBUS) and ground. Figure 20 shows an example layout of the DGD0216 in the Low-Side power switching of a PFC circuit. Figure 21 shows the
schematic of the layout shown in Figure 20, followed by a description of layout considerations for the DGD0215 and DGD0216.
Figure 20. Example Layout of DGD0216 Driving a Low-Side MOSFET (For Example PFC Circuit)
Figure 21. Schematic for Layout Example Circuit Shown in Figure 20
In Gate Driver circuits, most of the current occurs during turning on/off, so when designing optimal layout, it is best to consider the charge transfer
during turn on/off.
When the DGD0216 turns on, charge will flow from C1/C2 through the logic circuits in the Gate Driver IC and directly to GND. But the majority of
the charge will flow from C1/C2 via the internal P-channel MOSFET (see Functional Block Diagram Output Stage), through the OUT pin to charge
the Gate of the MOSFET, Q1; the return is from the Source of Q1 through the current sense resistors (R2 and R3) and to GND (back to C1/C2).
Hence this loop must be as short as possible to minimize stray inductance. C1 should be a low ESR ceramic capacitor and along with gate
resistor (R1) and MOSFET (Q1) should be located close to the DGD0216 to minimize the inductance of that loop. When the device turns off, the
charge on the MOSFET Gate sinks current into the IC through the internal N-channel MOSFET to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com