Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DGD0507 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DGD0507
Description  HIGH FREQUENCY HIGH-SIDE AND LOW-SIDE GATE DRIVER IN W-DFN3030-10
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DGD0507 Datasheet(HTML) 4 Page - Diodes Incorporated

  DGD0507 Datasheet HTML 1Page - Diodes Incorporated DGD0507 Datasheet HTML 2Page - Diodes Incorporated DGD0507 Datasheet HTML 3Page - Diodes Incorporated DGD0507 Datasheet HTML 4Page - Diodes Incorporated DGD0507 Datasheet HTML 5Page - Diodes Incorporated DGD0507 Datasheet HTML 6Page - Diodes Incorporated DGD0507 Datasheet HTML 7Page - Diodes Incorporated DGD0507 Datasheet HTML 8Page - Diodes Incorporated DGD0507 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
DGD0507
Document Number DS38836 Rev. 4 - 4
4 of 11
www.diodes.com
May 2021
© Diodes Incorporated
DGD0507
DC Electrical Characteristics (VCC = VBS = 12V, COM = VS= 0V, @TA = +25°C, unless otherwise specified.) (Note 8)
Parameter
Symbol
Min
Typ
Max
Unit
Conditions
Logic “1” Input Voltage
VIH
2.4
–
–
V
–
Logic “0” Input Voltage
VIL
–
–
0.8
V
–
Enable Logic “1” Input Voltage
VENIH
1.5
–
–
V
–
Enable Logic “0” Input Voltage
VENIL
–
–
0.7
V
–
Input Voltage Hysteresis
VINHYS
–
0.6
–
V
–
Enable Input Voltage Hysteresis
VENINHYS
–
0.1
–
V
–
High Level Output Voltage, VBIAS - VO
VOH
–
0.45
0.6
V
IO+ = 100mA
Low Level Output Voltage, VO
VOL
–
0.15
0.22
V
IO- = 100mA
Offset Supply Leakage Current
ILK
–
10
50
µA
VB = VS = 50V
VCC Shutdown Supply Current
ICCSD
–
0
1
µA
VIN = 0V or 5V, VEN = 0V
VCC Quiescent Supply Current
ICCQ
100
150
200
µA
VIN = 0V or 5V
VCC Operating Supply Current
ICCOP
–
2.1
3.0
mA
fs = 500kHz
VBS Quiescent Supply Current
IBSQ
–
62
100
µA
VIN = 0V or 5V
VBS Operating Supply Current
IBSOP
–
1.1
2.0
mA
fs = 500kHz
Logic “1” Input Bias Current
IIN+
–
–
50
µA
VIN = 5V
Logic “0” Input Bias Current
IIN-
–
–
5
µA
VIN = 0V
Enable Logic “1” Input Bias Current
IENIN+
–
43
60
µA
VIN = 5V
Enable Logic “0” Input Bias Current
IENIN-
–
0
5
µA
VIN = 0V
VBS Supply Undervoltage Positive Going Threshold
VBSUV+
5.9
6.9
7.9
V
–
VBS Supply Undervoltage Negative Going Threshold
VBSUV-
5.6
6.6
7.6
V
–
VCC Supply Undervoltage Positive Going Threshold
VCCUV+
5.9
6.9
7.9
V
–
VCC Supply Undervoltage Negative Going Threshold
VCCUV-
5.6
6.6
7.6
V
–
Output High Short Circuit Pulsed Current
IO+
0.9
1.25
–
A
VO = 0V, PW ≤ 10µs
Output Low Short Circuit Pulsed Current
IO-
1.5
2.0
–
A
VO = 15V, PW ≤ 10µs
Forward Voltage of Bootstrap Diode
VF1
–
0.27
–
V
IF = 100µA
Forward Voltage of Bootstrap Diode
VF2
–
0.8
–
V
IF = 100mA
Note:
8. The VIN and IIN parameters are applicable to the two logic pins: HIN, LIN and EN. The VO and IO parameters are applicable to the respective output pins:
HO and LO.
AC Electrical Characteristics (VCC = VBS = 12V, COM = VS= 0V, CL = 1000pF, @TA = +25°C, unless otherwise specified.)
Parameter
Symbol
Min
Typ
Max
Unit
Conditions
Turn-On Propagation Delay
tON
–
20
35
ns
–
Turn-Off Propagation Delay
tOFF
–
23
56
ns
VS = 50V
Delay Matching, HO & LO Turn-On
tDM
–
–
5
ns
–
Turn-On Rise Time
tR
–
23
35
ns
–
Turn-Off Fall Time
tF
–
18
25
ns
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com