Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DGD0507FN-7 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DGD0507FN-7
Description  HIGH FREQUENCY HIGH-SIDE AND LOW-SIDE GATE DRIVER IN W-DFN3030-10
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DGD0507FN-7 Datasheet(HTML) 1 Page - Diodes Incorporated

  DGD0507FN-7 Datasheet HTML 1Page - Diodes Incorporated DGD0507FN-7 Datasheet HTML 2Page - Diodes Incorporated DGD0507FN-7 Datasheet HTML 3Page - Diodes Incorporated DGD0507FN-7 Datasheet HTML 4Page - Diodes Incorporated DGD0507FN-7 Datasheet HTML 5Page - Diodes Incorporated DGD0507FN-7 Datasheet HTML 6Page - Diodes Incorporated DGD0507FN-7 Datasheet HTML 7Page - Diodes Incorporated DGD0507FN-7 Datasheet HTML 8Page - Diodes Incorporated DGD0507FN-7 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
DGD0507
Document Number DS38836 Rev. 4 - 4
1 of 11
www.diodes.com
May 2021
© Diodes Incorporated
DGD0507
HIGH FREQUENCY HIGH-SIDE AND LOW-SIDE GATE DRIVER IN W-DFN3030-10
Description
The DGD0507 is a high-frequency gate driver capable of driving N-
channel MOSFETs. The floating high-side driver is rated up to 50V.
The DGD0507 logic inputs are compatible with standard TTL and
CMOS levels (down to 3.3V) to interface easily with MCUs. UVLO for
high-side and low-side will protect a MOSFET with loss of supply. To
protect MOSFETs, cross conduction prevention logic prevents the HO
and LO outputs from being on at the same time.
Fast and well matched propagation delays allow a higher switching
frequency, enabling a smaller, more compact power switching design,
using smaller associated components. To minimize space an internal
bootstrap diode is included.
The DGD0507 is offered in the W-DFN3030-10 (Type TH) package
and operates over an extended -40°C to +125°C temperature range.
Applications
•
DC-DC Converters
•
Motor Controls
•
Battery Powered Hand Tools
•
eCig Devices
•
Class D Power Amplifiers
Features
•
50V Floating High-Side Driver
•
Drives Two N-channel MOSFETs in a Half-Bridge
Configuration
•
1.25A Source / 2.0A Sink Output Current Capability
•
Internal Bootstrap Schottky Diode Included
•
Undervoltage Lockout for High-Side and Low-Side Drivers
•
Delay Matching a Typical of 5ns
•
Propagation Delay Typical of 35ns
•
Logic Input (HIN, LIN and EN) 3.3V Capability
•
Ultra Low Standby Currents (<1µA)
•
Extended Temperature Range: -40°C to +125°C
•
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
•
Halogen and Antimony free. “Green” Device (Note 3)
Mechanical Data
•
Case: W-DFN3030-10 (Type TH)
•
Case Material: Molded Plastic. “Green” Molding Compound
UL Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 3 per J-STD-020
•
Terminals: Finish – Matte Tin Finish
Solderable per MIL-STD-202, Method 208
•
Weight: 0.017 grams (Approximate)
Ordering Information (Note 4)
Product
Marking
Reel Size (inches)
Tape Width (mm)
Quantity per Reel
DGD0507FN-7
DGD0507
7
8
3,000
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at https://www.diodes.com/design/support/packaging/diodes-packaging/.
Marking Information
W-DFN3030-10 (Type TH)
Top View
YYWW
DGD0507
DGD0507 = Product Type Marking Code
YY
= Year (ex: 17 = 2017)
WW
= Week (01 to 53)
Typical Configuration
Bottom View
PART OBSOLETE – USE DGD0507A


Similar Part No. - DGD0507FN-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DGD0507A DIODES-DGD0507A Datasheet
596Kb / 11P
HIGH FREQUENCY HIGH-SIDE AND LOW-SIDE GATE DRIVER
Rev 2
DGD0507AFN-7 DIODES-DGD0507AFN-7 Datasheet
596Kb / 11P
HIGH FREQUENCY HIGH-SIDE AND LOW-SIDE GATE DRIVER
Rev 2
More results

Similar Description - DGD0507FN-7

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV51511 ONSEMI-NCV51511 Datasheet
224Kb / 15P
High-Frequency, High Side and Low Side Gate Driver
April, 2018 ??Rev. 0
logo
Diodes Incorporated
DGD0507A DIODES-DGD0507A Datasheet
596Kb / 11P
HIGH FREQUENCY HIGH-SIDE AND LOW-SIDE GATE DRIVER
Rev 2
DGD0547 DIODES-DGD0547 Datasheet
709Kb / 11P
HIGH FREQUENCY HIGH-SIDE AND LOW-SIDE GATE DRIVER
Rev 3
DGD0590 DIODES-DGD0590 Datasheet
466Kb / 11P
HIGH FREQUENCY HIGH-SIDE AND LOW-SIDE GATE DRIVER
Rev 1
DGD0590A DIODES-DGD0590A Datasheet
581Kb / 11P
HIGH FREQUENCY HIGH-SIDE AND LOW-SIDE GATE DRIVER
Rev 2
DGD05473 DIODES-DGD05473 Datasheet
738Kb / 11P
HIGH FREQUENCY HIGH-SIDE AND LOW-SIDE GATE DRIVER
Rev 3
DGD05473FNQ DIODES-DGD05473FNQ Datasheet
642Kb / 11P
HIGH FREQUENCY HIGH-SIDE AND LOW-SIDE GATE DRIVER
Rev 2
DGD05473FNQ DIODES-DGD05473FNQ_V01 Datasheet
881Kb / 11P
HIGH FREQUENCY HIGH-SIDE AND LOW-SIDE GATE DRIVER IN U-DFN3030-10
Rev. 4 - 2 August 2022
DGD05473 DIODES-DGD05473_V01 Datasheet
728Kb / 12P
HIGH FREQUENCY HIGH-SIDE AND LOW-SIDE GATE DRIVER IN DFN3030-10
Rev. 4 - 2 April 2021
DGD0579U DIODES-DGD0579U_V01 Datasheet
719Kb / 11P
HIGH FREQUENCY HIGH-SIDE AND LOW-SIDE GATE DRIVER IN DFN3030-10
Rev. 1 - 2 November 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com