Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DGD2103M Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DGD2103M
Description  HALF-BRIDGE GATE DRIVER IN SO-8
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DGD2103M Datasheet(HTML) 1 Page - Diodes Incorporated

  DGD2103M Datasheet HTML 1Page - Diodes Incorporated DGD2103M Datasheet HTML 2Page - Diodes Incorporated DGD2103M Datasheet HTML 3Page - Diodes Incorporated DGD2103M Datasheet HTML 4Page - Diodes Incorporated DGD2103M Datasheet HTML 5Page - Diodes Incorporated DGD2103M Datasheet HTML 6Page - Diodes Incorporated DGD2103M Datasheet HTML 7Page - Diodes Incorporated DGD2103M Datasheet HTML 8Page - Diodes Incorporated DGD2103M Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
DGD2103M
Document Number DS39296 Rev. 4 - 2
1 of 11
www.diodes.com
January 2021
© Diodes Incorporated
DGD2103M
HALF-BRIDGE GATE DRIVER IN SO-8
Description
The DGD2103M is a high-voltage/high-speed gate driver capable of
driving
N-channel
MOSFETs
and
IGBTs
in
a
half-bridge
configuration.
High-voltage
processing
techniques
enable
the
DGD2103M
’s high side to switch to 600V in a bootstrap operation.
The DGD2103M logic inputs are compatible with standard TTL and
CMOS levels (down to 3.3V) to interface easily with controlling
devices. The driver output features high-pulse current buffers
designed for minimum driver cross conduction. DGD2103M has a
fixed internal deadtime of 420ns (typical).
The DGD2103M is offered in the SO-8 package and operates over an
extended -40°C to +125°C temperature range.
Applications
DC-DC Converters
DC-AC Inverters
AC-DC Power Supplies
Motor Controls
Class D Power Amplifiers
Features
Floating High-Side Driver in Bootstrap Operation to 600V
Drives Two N-Channel MOSFETs or IGBTs in a Half-Bridge
Configuration
Designed for Enhanced Performance in Noisy Motor Applications
290mA Source/600mA Sink Output Current Capability
Outputs Tolerant to Negative Transients
Internal Dead Time of 420ns to Protect MOSFETs
Wide Low-Side Gate Driver Supply Voltage: 10V to 20V
Logic Input (HIN and LIN*) 3.3V Capability
Schmitt Triggered Logic Inputs
Undervoltage Lockout for VCC (Logic and Low Side Supply)
Extended Temperature Range: -40°C to +125°C
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free.
“Green” Device (Note 3)
For automotive applications requiring specific change
control (i.e. parts qualified to AEC-Q100/101/200, PPAP
capable, and manufactured in IATF 16949 certified
facilities), please contact us or your local Diodes
representative.
https://www.diodes.com/quality/product-definitions/
Mechanical Data
Case: SO-8 (Standard)
Case Material: Molded Plastic
. “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 3 per J-STD-020
Terminals: Finish
—Matte Tin Plated Leads.
Solderable per MIL-STD-202, Method 208
Weight: 0.075 grams (Approximate)
Ordering Information (Note 4)
Part Number
Marking
Reel Size (inch)
Tape Width (mm)
Quantity per Reel
DGD2103MS8-13
DGD2103M
13
12
2,500
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-
free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
SO-8
Top View
Typical Configuration
DGD2103M
YY WW
= Manufacturer’s Marking
DGD2103M = Product Type Marking Code
YY = Year (ex: 21 = 2021)
WW or WW
– = Week (01 to 53)


Similar Part No. - DGD2103M

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DGD2103 DIODES-DGD2103 Datasheet
823Kb / 11P
HALF-BRIDGE GATE DRIVER IN SO-8
Rev 3
DGD21032 DIODES-DGD21032 Datasheet
943Kb / 11P
HALF-BRIDGE GATE DRIVER IN SO-8
Rev 1
DGD2103A DIODES-DGD2103A Datasheet
792Kb / 11P
HALF-BRIDGE GATE DRIVER IN SO-8
Rev 2
DGD2103AS8-13 DIODES-DGD2103AS8-13 Datasheet
792Kb / 11P
HALF-BRIDGE GATE DRIVER IN SO-8
Rev 2
DGD2103S8-13 DIODES-DGD2103S8-13 Datasheet
823Kb / 11P
HALF-BRIDGE GATE DRIVER IN SO-8
Rev 3
More results

Similar Description - DGD2103M

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DGD2103 DIODES-DGD2103 Datasheet
823Kb / 11P
HALF-BRIDGE GATE DRIVER IN SO-8
Rev 3
DGD2103A DIODES-DGD2103A Datasheet
792Kb / 11P
HALF-BRIDGE GATE DRIVER IN SO-8
Rev 2
DGD2104 DIODES-DGD2104 Datasheet
731Kb / 11P
HALF-BRIDGE GATE DRIVER IN SO-8
Rev 3
DGD2104A DIODES-DGD2104A Datasheet
710Kb / 12P
HALF-BRIDGE GATE DRIVER IN SO-8
Rev 2
DGD2184 DIODES-DGD2184 Datasheet
734Kb / 12P
HALF BRIDGE GATE DRIVER IN SO-8
Rev 2
DGD21042 DIODES-DGD21042 Datasheet
968Kb / 11P
HALF-BRIDGE GATE DRIVER IN SO-8
Rev 1
DGD1503 DIODES-DGD1503 Datasheet
758Kb / 11P
HALF-BRIDGE GATE DRIVER IN SO-8
Rev 2
DGD1504 DIODES-DGD1504 Datasheet
967Kb / 11P
HALF-BRIDGE GATE DRIVER IN SO-8
Rev 1
DGD21032 DIODES-DGD21032 Datasheet
943Kb / 11P
HALF-BRIDGE GATE DRIVER IN SO-8
Rev 1
DGD2304 DIODES-DGD2304_V01 Datasheet
786Kb / 11P
HALF-BRIDGE GATE DRIVER IN SO-8
Rev. 6 - 2 December 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com