Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3942YQ Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3942YQ
Description  The Dual RGB LED Controller with 1.5x/2x Charge Pump and SPI Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3942YQ Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LP3942YQ Datasheet HTML 9Page - National Semiconductor (TI) LP3942YQ Datasheet HTML 10Page - National Semiconductor (TI) LP3942YQ Datasheet HTML 11Page - National Semiconductor (TI) LP3942YQ Datasheet HTML 12Page - National Semiconductor (TI) LP3942YQ Datasheet HTML 13Page - National Semiconductor (TI) LP3942YQ Datasheet HTML 14Page - National Semiconductor (TI) LP3942YQ Datasheet HTML 15Page - National Semiconductor (TI) LP3942YQ Datasheet HTML 16Page - National Semiconductor (TI) LP3942YQ Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Application Information
The following examples describe 4 different ways to use LP3942 to drive different LEDs (2 RGBs, 4 RGBs, 6 Blue LEDs)
Example 1:
Normal Use – 2 RGBs
•
Charge pump in 1.5x mode, V
OUT = 4.5V
•
Non overlapping constant current mode in use
•
RGB1 and RGB2 have different control
•
Imax(R1, R2) limited to 10 mA by RR
•
Imax(G1, G2) limited to 15 mA by RG
•
Imax(B1, B2) limited to 20 mA by RB
•
Framing
→ I
LOAD(max) = 40 mA → low noise to input.
•
See Electrical Characteristics for output voltage and current specifications in different conditions
20129211
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com