Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4982 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4982
Description  Ground-Referenced, Ultra Low Noise, 80mW Stereo Headphone Amplifier with IntelliSense and I2C Volume
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4982 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM4982 Datasheet HTML 9Page - National Semiconductor (TI) LM4982 Datasheet HTML 10Page - National Semiconductor (TI) LM4982 Datasheet HTML 11Page - National Semiconductor (TI) LM4982 Datasheet HTML 12Page - National Semiconductor (TI) LM4982 Datasheet HTML 13Page - National Semiconductor (TI) LM4982 Datasheet HTML 14Page - National Semiconductor (TI) LM4982 Datasheet HTML 15Page - National Semiconductor (TI) LM4982 Datasheet HTML 16Page - National Semiconductor (TI) LM4982 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
Application Information
TABLE 1. Chip Address
D7
D6
D5
D4
D3
D2
D1
D0
Chip Address
1110110
0
TABLE 2. Control Registers
D7
D6
D5
D4
D3
D2
D1
D0
Mode Control
0000
CD3
CD2
CD1
CD0
Volume Control
1
0
0
VD4
VD3
VD2
VD1
VD0
TABLE 3. Mode Control
CD3
1
Intellisense Enabled
0
Intellisense Disabled
CD2
1
Mute Enabled
0
Mute Disabled
CD1
1
Stereo
0
Mono *
CD0
1
Normal Operation
0
Shutdown Enabled
* Mono mode mixes (Left + Right) / 2, into Left output
I
2C VOLUME CONTROL
The LM4982 can be configured in 32 different gain steps by forcing I2C volume control bits to a desired gain according to the table
below:
20161468
FIGURE 2. I
2C Bus Format
20161467
FIGURE 3. I
2C Timing Diagram
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com