Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL212AT Datasheet(PDF) 2 Page - Vishay Siliconix

Part # IL212AT
Description  Optocoupler, Phototransistor Output, with Base Connection in SOIC-8 Package
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL212AT Datasheet(HTML) 2 Page - Vishay Siliconix

  IL212AT Datasheet HTML 1Page - Vishay Siliconix IL212AT Datasheet HTML 2Page - Vishay Siliconix IL212AT Datasheet HTML 3Page - Vishay Siliconix IL212AT Datasheet HTML 4Page - Vishay Siliconix IL212AT Datasheet HTML 5Page - Vishay Siliconix IL212AT Datasheet HTML 6Page - Vishay Siliconix IL212AT Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
IL211AT, IL212AT, IL213AT
www.vishay.com
Vishay Semiconductors
Rev. 1.9, 21-Dec-10
2
Document Number: 83615
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. Functional operation of the device is not
implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute
maximum ratings for extended periods of the time can adversely affect reliability.
Note
• Minimum and maximum values were tested requirements. Typical values are characteristics of the device and are the result of engineering
evaluations. Typical values are for information only and are not part of the testing requirements.
COUPLER
Isolation test voltage
VISO
4000
VRMS
Total package dissipation
LED and detector
Ptot
240
mW
Derate linearly from 25 °C
3.2
mW/°C
Storage temperature
Tstg
-55 to +150
°C
Operating temperature
Tamb
-55 to +100
°C
Soldering time
at 260 °C
10
s
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
INPUT
Forward voltage
IF = 10 mA
VF
-1.3
1.5
V
Reverse current
VR = 6 V
IR
-
0.1
100
μA
Capacitance
VR = 0 V
CO
-13
-
pF
OUTPUT
Collector emitter breakdown voltage
IC = 10 μA
BVCEO
30
-
-
V
Emitter collector breakdown voltage
IE = 10 μA
BVECO
7-
-
V
Collector dark current
VCE = 10 V
ICEO
-
5
50
nA
Collector emitter capacitance
VCE = 0 V
CCE
-10
pF
COUPLER
Saturation voltage, collector emitter
IF = 10 mA
VCEsat
--
0.4
V
Isolation test voltage
1 s
VISO
4000
-
-
VRMS
Capacitance (input to output)
CIO
-0.5
50
pF
Resistance (input to output)
RIO
-100
-
G
Ω
Collector emitter breakdown voltage
IC = 10 μA
BVCEO
30
-
-
V
CURRENT TRANSFER RATIO
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Current transfer ratio
IF = 10 mA, VCE = 5 V
IL211AT
CTR
20
50
-
%
IL212AT
CTR
50
80
-
%
IL213AT
CTR
100
130
-
%
SWITCHING CHARACTERISTICS
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Switching time
IC = 2 mA, RL = 100
Ω,
VCC = 10 V
ton, toff
-3
-
μs
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com