Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM91DIMQAX Datasheet(PDF) 7 Page - OKI electronic componets

Part # LM91DIMQAX
Description  Diode Input Digital Temperature Sensor with Two-Wire Interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

LM91DIMQAX Datasheet(HTML) 7 Page - OKI electronic componets

Back Button LM91DIMQAX Datasheet HTML 3Page - OKI electronic componets LM91DIMQAX Datasheet HTML 4Page - OKI electronic componets LM91DIMQAX Datasheet HTML 5Page - OKI electronic componets LM91DIMQAX Datasheet HTML 6Page - OKI electronic componets LM91DIMQAX Datasheet HTML 7Page - OKI electronic componets LM91DIMQAX Datasheet HTML 8Page - OKI electronic componets LM91DIMQAX Datasheet HTML 9Page - OKI electronic componets LM91DIMQAX Datasheet HTML 10Page - OKI electronic componets LM91DIMQAX Datasheet HTML 11Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Pin Name
D1
D2
D3
D4
Pin Name
D1
D2
D3
D4
NC (pins 1, 5, 9)
x
x
x
T_CRIT_A
x
V
CC
x
SMBData
x
x
D+
x
x
x
NC (pin 13)
x
x
D−
x
x
x
SMBCLK
x
ADD0, ADD1
x
x
x
NC (pin 16)
x
Note: An x indicates that the diode exists.
Note 3: See AN-450 “Surface Mounting Methods and Their Effect on Product Reliability” or the section titled “Surface Mount” found in a current National
Semiconductor Linear Data Book for other methods of soldering surface mount devices.
Note 4: Human body model, 100 pF discharged through a 1.5 k
Ω resistor. Machine model, 200 pF discharged directly into each pin.
Note 5: Thermal resistance of the QSOP-16 package is 130˚C/W, junction-to-ambient when attached to a printed circuit board with 2 oz. foil.
Note 6: Typicals are at TA = 25˚C and represent most likely parametric norm.
Note 7: Limits are guaranteed to National’s AOQL (Average Outgoing Quality Level).
Note 8: The Temperature Error specification does not include an additional error of ±1˚C, caused by the quantization error.
Note 9: The Temperature Error will vary less than ±1.0˚C for a variation in VCC of 3V to 3.6V from the nominal of 3.3V.
Note 10: Quiescent current will not increase substantially with an active SMBus.
Note 11: This specification is provided only to indicate how often temperature data is updated. The LM91 can be read at any time without regard to conversion state
(and will yield last conversion result).
Note 12: Holding the SMBData and/or SMBCLK lines Low for a time interval greater than tTIMEOUT will cause the LM91 to reset SMBData and SMBCLK to the IDLE
state of an SMBus communication (SMBCLK and SMBData set High).
20034308
FIGURE 1. ESD Protection Input Structure
20034305
FIGURE 2. Temperature-to-Digital Transfer Function (Non-linear scale for clarity)
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com