Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9248-195 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS9248-195
Description  Frequency Generator & Integrated Buffers for PENTIUM II/III & K6
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9248-195 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS9248-195 Datasheet HTML 1Page - Integrated Circuit Systems ICS9248-195 Datasheet HTML 2Page - Integrated Circuit Systems ICS9248-195 Datasheet HTML 3Page - Integrated Circuit Systems ICS9248-195 Datasheet HTML 4Page - Integrated Circuit Systems ICS9248-195 Datasheet HTML 5Page - Integrated Circuit Systems ICS9248-195 Datasheet HTML 6Page - Integrated Circuit Systems ICS9248-195 Datasheet HTML 7Page - Integrated Circuit Systems ICS9248-195 Datasheet HTML 8Page - Integrated Circuit Systems ICS9248-195 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
ICS9248-195
0375D—02/02/04
Byte0: Functionality and Frequency Select Register (default = 0)
Serial Configuration Command Bitmap
Notes:
1, Default at Power-up will be for latched logic inputs to define frequency. Bit [2, 6:4] are default to 0011.
2, PWD = Power-Up Default
The ICS9248-195 is the single chip clock solution for Notebook designs using the 440BX, MX, VIA PM/PL/PLE 133
style chip set, with Coppermine or Tualatin processor, for Note book applications. It provides all necessary clock signals
for such a system.
Spread spectrum may be enabled through I
2C programming. Spread spectrum typically reduces system EMI by 8dB
to 10dB.This simplifies EMI qualification without resorting to board design iterations or costly shielding.The ICS9248-
195 employs a proprietary closed loop design, which tightly controls the percentage of spreading over process and
temperature variations.
General Description
Bit
PWD
FS3
Bit2
FS2
Bit6
FS1
Bit5
FS0
Bit4
CPUCLK
PCICLK
Center
Spread %
Down
Spread%
0
0
0
0
66.67
33.33
±0.35%
-0.70%
0
0
0
1
100.00
33.33
±0.35%
-0.70%
0
0
1
0
66.67
33.33
±0.60%
-1.20%
0
0
1
1
133.33
33.33
±0.35%
-0.70%
0
1
0
0
66.67
33.33
±0.23%
-0.45%
0
1
0
1
100.00
33.33
±0.23%
-0.45%
0
1
1
0
100.00
33.33
±0.60%
-1.20%
0
1
1
1
133.33
33.33
±0.23%
-0.45%
1
0
0
0
66.67
33.33
±0.45%
-0.90%
1
0
0
1
100.00
33.33
±0.45%
-0.90%
1
0
1
0
90.00
30.00
±0.35%
-0.70%
1
0
1
1
133.33
33.33
±0.45%
-0.90%
1
1
0
0
70.00
35.00
±0.35%
-0.70%
1
1
0
1
105.00
35.00
±0.35%
-0.70%
1
1
1
0
133.33
33.33
±0.60%
-1.20%
1
1
1
1
140.00
35.00
±0.35%
-0.70%
0 - Normal
Note1
0011
Description
1
0
1
0 = Center Spread Spectrum Modulation
1 = Down Spread Spectrum Modulation
0 - Frequency is selected by hardware select pins. Latched inputs.
1 - Frequency is controlled by I
2C programming.
0 - Running
1 - Tristate all outputs
0
1 - Spread Spectrum Enabled
Bit 0
Bit 7
Bit 3
Bit 2,
6:4
Bit 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com