Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

I82371MX Datasheet(PDF) 21 Page - Intel Corporation

Part # I82371MX
Description  INTEL 430MX PCISET 82371MX MOBILE PCI I/O IDE XCELERATOR (MPIIX)
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

I82371MX Datasheet(HTML) 21 Page - Intel Corporation

Back Button I82371MX Datasheet HTML 17Page - Intel Corporation I82371MX Datasheet HTML 18Page - Intel Corporation I82371MX Datasheet HTML 19Page - Intel Corporation I82371MX Datasheet HTML 20Page - Intel Corporation I82371MX Datasheet HTML 21Page - Intel Corporation I82371MX Datasheet HTML 22Page - Intel Corporation I82371MX Datasheet HTML 23Page - Intel Corporation I82371MX Datasheet HTML 24Page - Intel Corporation I82371MX Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 133 page
background image
82371MX (MPIIX)
21
PRELIMINARY
Signal Name
Type
PCIRST#
Description
RTCCLKO
O
5/3V
CMOS
4mA
Active
REAL TIME CLOCK OUTPUT: Gated RTCCLK to
MTSC for suspend refresh operation.
SYSCLK
O
5V
SYSTEM CLOCK: See Extended I/O Bus Interface
Section.
PWROK
I
5/3V
st
CMOS
POWER OK: When asserted, PWROK is an indication
to the MPIIX that power and PCICLK have been stable
for at least 1 ms. PWROK can be driven
asynchronously. When PWROK is negated, the MPIIX
asserts CPURST, PCIRST# and RSTDRV. When
PWROK is asserted, the MPIIX negates CPURST,
PCIRST#, and RSTDRV.
CPURST
O
3.3V
TTL
4mA
High
CPU RESET: The MPIIX asserts CPURST to reset the
CPU. The MPIIX asserts CPURST during power-up and
when a hard reset sequence is initiated through the RC
Register. CPURST is driven synchronously to the rising
edge of PCICLK. If a hard reset is initiated through the
RC register, the MPIIX resets it's internal registers to the
default state.
PCIRST#
O
5V
Low
PCI RESET: The MPIIX asserts PCIRST# to reset
devices that reside on the PCI Bus. The MPIIX asserts
PCIRST# during power-up and when a hard reset
sequence is initiated through the RC Register. PCIRST#
is driven inactive a minimum of 1ms after PWROK is
driven active. PCIRST# is driven active for a minimum of
1ms when initiated through the RC Register. PCIRST#
is driven asynchronously relative to PCICLK.
INIT
O
3.3V
TTL
4mA
High
INITIALIZATION: The MPIIX asserts INIT if it detects a
shut down special cycle on the PCI Bus or if a soft reset
is initiated via the RC Register (0CF9h).
RSTDRV
O
5V
TTL
8mA
High
RESET DRIVE: The MPIIX asserts this signal during a
hard reset and during power-up to reset Extended I/O
Bus devices. RSTDRV is also asserted for a minimum
of 1 ms if a hard reset has been programmed in the RC
Register.
2.9. Test Signals
Signal Name
Type
PCIRST#
Description
TESTIN#
I
3.3V
TEST INPUT: The Test signal is used to tri-state all of
the MPIIX outputs.This input is sampled on the assertion
of PWROK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com