Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRSS-V1DR10THGWT Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # MRSS-V1DR10THGWT
Description  MRSS - MINIATURE ROTARY SWITCH SERIES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

MRSS-V1DR10THGWT Datasheet(HTML) 1 Page - TE Connectivity Ltd

  MRSS-V1DR10THGWT Datasheet HTML 1Page - TE Connectivity Ltd MRSS-V1DR10THGWT Datasheet HTML 2Page - TE Connectivity Ltd MRSS-V1DR10THGWT Datasheet HTML 3Page - TE Connectivity Ltd MRSS-V1DR10THGWT Datasheet HTML 4Page - TE Connectivity Ltd MRSS-V1DR10THGWT Datasheet HTML 5Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MRSS - MINIATURE ROTARY
SWITCH SERIES
PRODUCT DESCRIPTION
The MRSS addresses manual programming applications. These high-quality
rotary DIP switches are available in size 7.7mm square (horizontal) and 7.2mm
square (vertical) for a wide range of possible applications like elevator and
security system. Meanwhile the compact design offers 50% lower profile than
standard DIP switches and save space around 40% PCB area. In addition, MRD
Series provide more options for terminal, hexadecimal or binary code, with or
without complement types to fulfill the variety requirements.
The MRSS Switches are characterised by contact rating of 0.4VA @ 20V DC
or AC.
Reference TE customer drawing for application instructions.
FEATURES
•
Offer both SMD and THT
•
Space saving with a low profile
•
High reliability with 2 points contacts
•
Hexadecimal or binary code, with complement
•
Vertical and horizonal versions
•
MSL 1 conformance
•
Packaged in Tube and Tape/Reel
APPLICATION
•
Elevator
•
Single chip
•
Security system
•
Lighting system
•
Machinery
•
Telecommunication


Similar Part No. - MRSS-V1DR10THGWT

ManufacturerPart #DatasheetDescription
logo
NEC
MRSS22L-E NEC-MRSS22L-E Datasheet
32Kb / 3P
Micro power Built-in IC ultra-minimum MR sensor
MRSS23E NEC-MRSS23E Datasheet
32Kb / 3P
Low voltage operating type Built-in IC ultra-minimum MR sensor
logo
Murata Manufacturing Co...
MRSS27H MURATA-MRSS27H Datasheet
545Kb / 5P
AMR Sensors (Magnetic Switches)
MRSS27H MURATA-MRSS27H Datasheet
545Kb / 5P
AMR Sensors (Magnetic Switches)
MRSS27H MURATA-MRSS27H Datasheet
545Kb / 5P
AMR Sensors (Magnetic Switches)
More results

Similar Description - MRSS-V1DR10THGWT

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A6K OMRON-A6K Datasheet
1Mb / 8P
Miniature Rotary DIP Switch
logo
Copal Electronics
MRB COPAL-MRB Datasheet
391Kb / 2P
Super-Miniature Rotary Switches
MRE COPAL-MRE Datasheet
766Kb / 2P
Miniature Rotary Switches
MR-STEP30 COPAL-MR-STEP30 Datasheet
574Kb / 3P
Miniature Rotary Switches
MR-STEP36 COPAL-MR-STEP36 Datasheet
567Kb / 3P
Miniature Rotary Switches
SRF COPAL-SRF Datasheet
488Kb / 2P
Miniature Rotary Switches
logo
OEN India Limited
OENAM OENINDIA-OENAM Datasheet
1Mb / 4P
MINIATURE ROTARY WAFER SWITCH
OENCK OENINDIA-OENCK Datasheet
709Kb / 2P
MINIATURE ROTARY SWITCH
logo
C&K Components
RW CK-COMPONENTS-RW Datasheet
269Kb / 2P
Sub-miniature Rotary Switches
16 Mar 22
logo
Lorlin Electronics Ltd.
BCK LORLIN-BCK Datasheet
711Kb / 2P
ROTARY SWITCH
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com