Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSE-113MTQ-R400CB Datasheet(PDF) 1 Page - Super Micro Computer, Inc.

Part # CSE-113MTQ-R400CB
Description  Single socket H2 (LGA 1155) supports Intel® Xeon® E3-1200 family, Intel® 2nd Generation Core i3 & Inte®l
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERMICRO [Super Micro Computer, Inc.]
Direct Link  https://www.supermicro.com/en
Logo SUPERMICRO - Super Micro Computer, Inc.

CSE-113MTQ-R400CB Datasheet(HTML) 1 Page - Super Micro Computer, Inc.

  CSE-113MTQ-R400CB Datasheet HTML 1Page - Super Micro Computer, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Contact Us
Advanced Search
Reseller Resource Center
Products
Motherboards
Xeon® Boards
[ X9SCM-F ]
Key Features
1. Single socket H2 (LGA 1155) supports
Intel® Xeon® E3-1200 family, Intel®
2nd Generation Core i3 & Intel
®
Pentium® family processors
2. Intel® C204 PCH Chipset
3. Up to 32GB DDR3 ECC
1333/1066MHz UDIMMs; 2 channels
4. Intel® 82579LM and 82574L,
2x Gigabit Ethernet LAN ports
5. 4x SATA2 3Gbps w/ RAID 0, 1, 5, 10;
2x SATA3 6Gbps w/ RAID 0, 1
6. 2x (x8) PCI-E 2.0 slots, 2x (x4) PCI-E
2.0 in x8 slots
7. 9x USB 2.0 ports
(2 rear + 6 via header + 1 Type-A)
8. Integrated IPMI 2.0 with KVM and
Dedicated LAN
Links & Resources
Tested Memory List
Tested HDD List
Motherboard Manual
Update Your BIOS
IPMI Firmware
Download the Latest
Drivers and Utilities
Product SKUs
MBD-X9SCM-F -B
X9SCM-F (Bulk Pack)
Physical Stats
Form Factor
Micro ATX
Dimensions
9.6" x 9.6", (24.4cm x 24.4 cm)
Processor/Cache
CPU
Intel ® Xeon ® processor E3 -1200
family, Intel ® 2nd Generation Core
i3 & Intel ® Pentium ® family
processors *
Socket H2 (LGA 1155)
System Memory
Memory
Capacity
4x 240-pin DDR3 DIMM sockets
Supports up to 32 GB DDR3 ECC Un
-
Buffered memory (UDIMM)
1333/1066MHz
Memory Type
1333/1066/800MHz ECC DDR3 SDRAM
72-bit, 240-pin gold-plated DIMMs
DIMM Sizes
8GB, 4GB, 2GB, 1GB
Memory
Voltage
1.5 V
Error Detection
Corrects single-bit errors
Detects double-bit errors (using ECC
memory)
On-Board Devices
Chipset
Intel® C204 PCH chipset
SATA
4x SATA2 (3Gbps) w/ RAID 0, 1, 5, 10
2x SATA3 (6Gbps) w/ RAID 0, 1
IPMI
Support for Intelligent Platform
Management Interface v.2.0
IPMI 2.0 with virtual media over LAN
and KVM-over-LAN support
Nuvoton WPCM450 BMC
Network
Controllers
Intel® 82579LM and 82574L, 2x Gigabit
LAN ports
Virtual Machine Device Queues High
efficient I/O overhead
Supports 10BASE-T, 100BASE-TX, and
1000BASE-T, RJ45 output
1x Realtek RTL8201N PHY (dedicated
IPMI)
VGA
Nuvoton WPCM450RA0BX
Super I/O
Nuvoton NCT6776F
Input / Output
Serial ATA
6 SATA ports
6 SATA hard drives supported
LAN
2x RJ45 LAN ports
1x RJ45 Dedicated IPMI LAN port
USB
9x USB 2.0 ports total
(2x rear + 6x via header + 1x type A)
VGA
1x VGA port
Serial Port /
Header
2x Fast UART 16550 serial port
(one header and one rear port)
Expansion Slots
PCI-Express
2 (x8) PCI-E 2.0 in x8 slots
2 (x4) PCI-E 2.0 in x8 slots
System BIOS
BIOS Type
64Mb SPI Flash EEPROM with AMI BIOS
BIOS Features
DMI 2.3
PCI 2.3
ACPI 1.0 / 2.0
USB Keyboard support
SMBIOS 2.3
Chassis ( Optimized for X9SCM -F )
1U Chassis
CSE-113MTQ-560CB
CSE-113MTQ-563CB
CSE-113MTQ-R400CB
CSE-510-200B
CSE-510T-200B
CSE-512-200B
CSE-512-260B
CSE-811T-410
CSE-811T-420
CSE-811T-420-INF
CSE-811T-520
CSE-811TQ-260
CSE-811TQ-280
CSE-811TQ-350B
CSE-811TQ-520B
CSE-811TQ-600B
Important
Chassis Notes
To support the new generation Intel®
Xeon® processor -based
motherboards, a Revision K chassis
is recommended for most models.
Please talk to your sales representative
or follow the link for details.
Management
Software
IPMI (Intelligent Platform Management
Interface) v1.5 / 2.0 with KVM support
SuperDoctor® III
Watch Dog
NMI
Power
Configurations
ACPI / ACPM Power Management
Main Switch Override Mechanism
Power-on mode for AC power
recovery
Internal/External modem ring
-on
PC Health Monitoring
CPU
Monitors for CPU Cores, +1.8V, +3.3V,
+5V, ±12V, +3.3V Standby, +5V
Standby, VBAT, HT, Memory, Chipset
Voltages.
5-Phase-switching voltage regulator
with auto -sense from 0.8375V-1.60V
FAN
Total of 5 fan headers supporting up to
5 fans
Five 4-pin fan headers
5x fans with tachometer status
monitoring
Status monitor for speed control
Status monitor for on/off control
Support 3-pin fans (w/o speed control)
Low noise fan speed control
Pulse Width Modulated (PWM) fan
connectors
Temperature
Monitoring for CPU and chassis
environment
CPU thermal trip support
FC temperature sensing logic
Thermal Monitor 2 (TM2) support
PECI
LED
CPU / System Overheat LED
+5V Standby alert LED
Other Features
Chassis intrusion detection
Chassis intrusion header
OS Compatibility
• Please see our OS Compatibility Chart
* Per Intel's spec, for platforms using C202/C204 PCH:
1) Intel i5/i7 CPUs are not supported
2) Intel E3
- 12x5 series processors which have integrated graphics support are not recommended.
** Supermicro X9SCM
- F motherboard is using a dedicated graphic from Matrox G200eW.
Parts List (Bulk Package)
Part Number
Qty
Description
X9SCM-F
MBD-X9SCM-F
1
X9SCM-F Motherboard
I/O Cables
CBL-0044L
6
57.5CM SATA FLAT S-S PBF
Driver Disk
CDR-X9-UP
1
Driver Disk
I/O Shield
MCP-260-00027-0N
1
STD I/O SHIELD
Terms & Conditions | Privacy | Investor Relations | Jobs | Site Map
SuperServer® | Motherboard | Chassis | Rack Cabinet| SuperBlade® | Embedded| Networking | Storage | Accessories | AMD Solution| Power Supplies
Copyright © 2012 Super Micro Computer, Inc.
Information in this document is subject to change without notice.
Other products and companies referred to herein are trademarks or registered trademarks of their respective companies or mark holders.
X9SCM-F


Similar Part No. - CSE-113MTQ-R400CB

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CSE-145 CITIZEN-CSE-145 Datasheet
316Kb / 1P
kHz RANGE CRYSTAL UNITS
More results

Similar Description - CSE-113MTQ-R400CB

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AIMB-287 ADVANTECH-AIMB-287 Datasheet
1Mb / 6P
Intel® Core™ i9/i7/i5/i3 LGA 1200 Intel® Core™ i9/i7/i5/i3 LGA 1200 Dual LAN, M.2, DDR4, DC Input
6-Jul-2021
AIR-300 ADVANTECH-AIR-300 Datasheet
731Kb / 2P
Intel® Xeon® /Core™ i3/i5/i7 LGA1151 Powerful Edge Inference System
26-Apr-2022
ARK-3530L ADVANTECH-ARK-3530L Datasheet
928Kb / 3P
Intel®Xeon® E3 / Core™ i3/i5/i7 LGA1151 Modular Expansion Fanless Box PC
14-Dec-2020
MIC-770-V2 ADVANTECH-MIC-770-V2 Datasheet
1Mb / 3P
Compact Fanless System with 10th Gen Intel® Xeon®/Core™ i CPU Socket (LGA 1200)
19-Jul-2022
MIC-3397 ADVANTECH-MIC-3397 Datasheet
351Kb / 2P
6U CompactPCI Quad Core Intel® Xeon® Processor Blade
10-Mar-2020
FWA-4130 ADVANTECH-FWA-4130 Datasheet
879Kb / 2P
2U Rackmount Network Appliance Platform based on Intel® Xeon® E3 series and 6th/7th generation Intel® Core™i7/i5/i3 Processors
2-Jun-2020
logo
BCM Advanced Research.
BC370Q BCM-BC370Q Datasheet
689Kb / 1P
Intel® Q370 ATX Motherboard supports 8th/9th Gen Intel® Core™/Pentium®/Celeron® Processors
05/12/2022
HPM-SRSUA BCM-HPM-SRSUA Datasheet
1Mb / 2P
Server Class ATX Motherboard LGA 4677 Socket supports 4th Gen. Intel® Xeon® Scalable Processor
05/25/2023
MX610H BCM-MX610H Datasheet
656Kb / 2P
Intel® H610E Mini-ITX Motherboard with LGA 1700 socket supports Intel® Alder Lake Core™ i9, i7, i5, i3 Processors
12/28/2022
MX680RD BCM-MX680RD Datasheet
504Kb / 2P
Intel® R680E Mini-ITX Motherboard with LGA 1700 socket supports Intel® Alder Lake Core™ i9, i7, i5, i3 Processors
02/02/2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com