Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2410FA800-R Datasheet(PDF) 3 Page - Eaton All Rights Reserved.

Part # 2410FA800-R
Description  High current fast-acting SMT Brick fuse
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

2410FA800-R Datasheet(HTML) 3 Page - Eaton All Rights Reserved.

  2410FA800-R Datasheet HTML 1Page - Eaton All Rights Reserved. 2410FA800-R Datasheet HTML 2Page - Eaton All Rights Reserved. 2410FA800-R Datasheet HTML 3Page - Eaton All Rights Reserved. 2410FA800-R Datasheet HTML 4Page - Eaton All Rights Reserved. 2410FA800-R Datasheet HTML 5Page - Eaton All Rights Reserved. 2410FA800-R Datasheet HTML 6Page - Eaton All Rights Reserved. 2410FA800-R Datasheet HTML 7Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Technical Data ELX1196
Effective May 2022
2410FA
High current fast-acting SMT Brick fuse
www.eaton.com/electronics
Packaging information - mm
1000 parts per 7” diameter reel (EIA-481 compliant)
Drawing not to scale
Dimension
millimeter
W
12.00
F
5.50
E1
1.75
E2
N/A
P0
4.00
P1
4.00
P2
2.00
D0
1.50
D1
1.50
A0
3.00
B0
7.00
K0
3.00
T
0.30
Reel dimension- mm
General specifications
Operating temperature: -55 °C to +125 °C with proper derating factor applied
Solderability test: J-STD-002, method B1, Steam aging 1 hour, Solder temperature + 255 ±5 °C, solder immersion time 5 s
Thermal shock: MIL-STD-202 method 107G, -55 °C/+125 °C. 100 cycles
Humidity bias: MIL-STD-202 method 103, 1000 hours +85 °C/85% RH
Vibration: MIL-STD-202G method 201, 2 hours each of 3 orientations. Test from 10-55 Hz for 1 minute
Mechanical shock: MIL-STD-202 method 213, Figure 1 of Method 213. Condition C 100 g 6 ms
Dimension
millimeter
A
178.0 ± 2.0
B
3.0 ± 0.3
C
13.7 + 0.5/-0.2
D
N/A
N
60 + 0.5/-0
W1
13 + 2.0/-0
W2
18.4 maximum
W3
N/A



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com