Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2410TD1-R Datasheet(PDF) 2 Page - Eaton All Rights Reserved.

Part # 2410TD1-R
Description  High current time-delay SMT Brick fuse
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

2410TD1-R Datasheet(HTML) 2 Page - Eaton All Rights Reserved.

  2410TD1-R Datasheet HTML 1Page - Eaton All Rights Reserved. 2410TD1-R Datasheet HTML 2Page - Eaton All Rights Reserved. 2410TD1-R Datasheet HTML 3Page - Eaton All Rights Reserved. 2410TD1-R Datasheet HTML 4Page - Eaton All Rights Reserved. 2410TD1-R Datasheet HTML 5Page - Eaton All Rights Reserved. 2410TD1-R Datasheet HTML 6Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Technical Data ELX1195
Effective May 2022
2410TD
High current time-delay SMT Brick fuse
www.eaton.com/electronics
Electrical characteristics
Amp Rating
% of Amp
rating
Opening time
500 mA to 7 A
100
4 hours mimimum
500 mA to 7 A
200
1 to 60 seconds
Product specifications
Current
rating
Voltage
rating
Voltage
rating
Interrupting rating1
at rated voltage (A)
Interrupting rating1
at rated voltage (A)
Typical DC
cold resistance2
Typical voltage drop
Part number
(A)
(Vac)
(Vdc)
(Vac)
(Vdc)
(ohm)
(mV)
Part marking
2410TD500-R
0.5
250
60
50
50
0.4025
245
T0.5
2410TD750-R
0.75
250
60
50
50
0.235
250
T0.75
2410TD1-R
1
250
60
50
50
0.168
256
T1
2410TD1-5-R
1.5
250
60
50
50
0.063
125
T1.5
2410TD2-R
2
250
60
50
50
0.048
133
T2
2410TD2-5-R
2.5
250
60
50
50
0.035
130
T2.5
2410TD3-R
3
250
60
50
50
0.0263
97
T3
2410TD3-5-R
3.5
250
60
50
50
0.0195
95
T3.5
2410TD4-R
4
250
60
50
50
0.0185
106
T4
2410TD5-R
5
250
60
50
50
0.0133
100
T5
2410TD7-R
7
250
60
50
50
0.0087
99
T7
1. AC Interrupting rating (measured at designated voltage, 100% power factor random closing); DC Interrupting rating (measured at designated voltage, time constant of less than 50 microseconds,
battery source)
2. DC Cold Resistance measured at <10% of rated current in the ambient temperature of +25 °C
Dimensions- mm
Drawing not to scale
Recommended pad layout
General specifications
Operating temperature: -55 °C to +125 °C with proper derating factor applied
Soldering heat resistance: MIL-STD-202 method 210
Solderability test: J-STD-002, method B1
Thermal shock: MIL-STD-202 method 107, -55 °C/+125 °C. 200 cycles
Humidity bias: MIL-STD-202 method 103, 1000 hours
Vibration: MIL-STD-202F method 204
Mechanical shock: MIL-STD-202 method 213, condition A
Life test: MIL-STD-202 method 108, test condition D



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com