Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2410TD2-R Datasheet(PDF) 3 Page - Eaton All Rights Reserved.

Part # 2410TD2-R
Description  High current time-delay SMT Brick fuse
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

2410TD2-R Datasheet(HTML) 3 Page - Eaton All Rights Reserved.

  2410TD2-R Datasheet HTML 1Page - Eaton All Rights Reserved. 2410TD2-R Datasheet HTML 2Page - Eaton All Rights Reserved. 2410TD2-R Datasheet HTML 3Page - Eaton All Rights Reserved. 2410TD2-R Datasheet HTML 4Page - Eaton All Rights Reserved. 2410TD2-R Datasheet HTML 5Page - Eaton All Rights Reserved. 2410TD2-R Datasheet HTML 6Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Technical Data ELX1195
Effective May 2022
2410TD
High current time-delay SMT Brick fuse
www.eaton.com/electronics
Packaging information - mm
1000 parts per 8.66” diameter reel (EIA-481 compliant)
Drawing not to scale
Dimension
millimeter
W
16.00
A0
2.95
B0
6.30
K0
3.00
P0
4.00
P
8.00
P2
2.00
T
0.35
E
1.80
F
7.50
D
1.50
D1
1.50
Reel dimension- mm
Dimension
millimeter
A
220
B
58
D
13
E
2.3
W
21
T
1.6
Temperature derating curve
Temperature (°C)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com