Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2822HC80-RTR Datasheet(PDF) 3 Page - Eaton All Rights Reserved.

Part # 2822HC80-RTR
Description  High current surface mount Brick fuse
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

2822HC80-RTR Datasheet(HTML) 3 Page - Eaton All Rights Reserved.

  2822HC80-RTR Datasheet HTML 1Page - Eaton All Rights Reserved. 2822HC80-RTR Datasheet HTML 2Page - Eaton All Rights Reserved. 2822HC80-RTR Datasheet HTML 3Page - Eaton All Rights Reserved. 2822HC80-RTR Datasheet HTML 4Page - Eaton All Rights Reserved. 2822HC80-RTR Datasheet HTML 5Page - Eaton All Rights Reserved. 2822HC80-RTR Datasheet HTML 6Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Technical Data ELX1147
Effective February 2022
2822HC
High current surface mount Brick fuse
www.eaton.com/electronics
Packaging information - mm
1000 parts per 13” diameter reel (EIA-481 compliant)
Drawing not to scale
Dimension
millimeter
W
16.0
F
7.5
E
1.75
P0
4.0
P
12.0
P2
2.0
ØD0
1.50
ØD1
N/A
A0
6.3
B0
8.0
K0
4.7
Reel dimension- mm
Dimension
millimeter
A
330
B
2.2
C
13.5
D
22
W1
16.5
W2
22.4 maximum
General specifications
Operating temperature: -40 °C to +125 °C with proper derating factor applied
Soldering heat resistance: MIL-STD-202 method 210, Solder temperature +260 ±5 °C, solder immersion time 10±5 s
Solderability test: J-STD-002, method B1, Steam aging 1 hour, Solder temperature + 255 ±5 °C, solder immersion time 5 s
Thermal shock: MIL-STD-202 method 107, -40 °C/+125 °C. 1000 cycles, maximum transfer time 20 seconds, Dwell time 15 minutes. Air-Air
Humidity bias: MIL-STD-202 method 103, 1000 hours +85 °C/85% RH. at 10% of operating power.
Vibration: MIL-STD-202F method 201, 2 hours each of 3 orientations. Test from 10-55 Hz for 1 minute
Mechanical shock: MIL-STD-202 method 213, Figure 1 of Method 213. Condition C 100 g 6 ms
High temperature operating life: MIL-STD-202 method 108, Condition D steady state TA=+70 °C at 60% rated current.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com