Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPB0705-R15M Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # SPB0705-R15M
Description  Power Bead Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SPB0705-R15M Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  SPB0705-R15M Datasheet HTML 1Page - Bourns Electronic Solutions SPB0705-R15M Datasheet HTML 2Page - Bourns Electronic Solutions SPB0705-R15M Datasheet HTML 3Page - Bourns Electronic Solutions SPB0705-R15M Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SPB0705 Series – Power Bead Inductors
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
Packaging Specifications
72N
72N
72N
72N
330
(13)
21 ± 0.8
(.827 ± .031)
2.0 ± 0.5
(.079 ± .020)
13 ± 0.5
(.512 ± .020)
DIA.
13 ± 0.5
(.512 ± .020)
DIA.
COVER TAPE
EMBOSSED CARRIER
16
(.630)
16.5
(.650)
50 - 0
(1.969 - 0)
20.0
(.787)
END
START
4
(.157)
12
(.472)
200
(7.874)
MIN.
LEADER
NO COMPONENT
COMPONENTS
400
(15.748)
MIN.
TRAILER
NO COMPONENT
USER DIRECTION OF FEED
QTY: 950 PCS PER REEL
DIMENSIONS:
MM
(INCHES)
REV. 10/22
Asia-Pacific: Tel: +886-2 2562-4117 • Email: asiacus@bourns.com
EMEA: Tel: +36 88 885 877 • Email: eurocus@bourns.com
The Americas: Tel: +1-951 781-5500 • Email: americus@bourns.com
www.bourns.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com