Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBS Datasheet(PDF) 11 Page - Anderson Power Products, Inc.

Part # SBS
Description  SBS® Connectors Up to 110 amps
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APP [Anderson Power Products, Inc.]
Direct Link  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.

SBS Datasheet(HTML) 11 Page - Anderson Power Products, Inc.

Back Button SBS Datasheet HTML 3Page - Anderson Power Products, Inc. SBS Datasheet HTML 4Page - Anderson Power Products, Inc. SBS Datasheet HTML 5Page - Anderson Power Products, Inc. SBS Datasheet HTML 6Page - Anderson Power Products, Inc. SBS Datasheet HTML 7Page - Anderson Power Products, Inc. SBS Datasheet HTML 8Page - Anderson Power Products, Inc. SBS Datasheet HTML 9Page - Anderson Power Products, Inc. SBS Datasheet HTML 10Page - Anderson Power Products, Inc. SBS Datasheet HTML 11Page - Anderson Power Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
- 77 -
All Data Subject To Change Without Notice
www.andersonpower.com
Cable Clamps for SBS® 75X with Integral Handle *
Rugged chemical resistant PBT/ PC plastic cable clamps securely hold cables to prevent accidental strain or pulls from
dislodging wire or contacts from the housing. Cable clamps are recommended for solder terminated wires.
Cable Size AWG or
mm² or
Description
(Inches O.D.) **
(mm O.D.) **
Part Numbers
Minimum Quantity
100
25
Large Wire Clamp Kit w/ Hardware
12 to 6 (0.39 to 0.60)
4 to 10 (9.9 to 15.2)
PSBS75XCLP1-BK
PSBS75XCLP1
Small Wire Clamp Kit w/ Hardware
12 to 6 (0.34 to 0.55)
4 to 10 (8.6 to 14.0)
PSBS75XCLP2-BK
PSBS75XCLP2
* Torque value 5 (in - lbs) / 0.56 (Nm).
Reducing Bushings
Use with contact part number 1339G2-BK or 1340G1-BK to allow a smaller wire to be used
with the connector. Electrical capability is derated with smaller wire.
Dimensions
Contact Barrel Size
Wire Size
- ID -
- Length -
AWG mm²
AWG
mm²
Part Numbers
inches
mm
inches mm
Minimum Quantity
3,000
1,000
100
6
13.3
8
8.4
-
5912-BK
5912
0.18
4.6
0.45
11.4
6
13.3
12 to 10 3.3 to 5.3
5910-BK
-
5910
0.14
3.6
0.47
11.9
6
13.3
16 to 14 1.3 to 2.1
5913-BK
-
5913
0.09
2.3
0.47
11.9
See drawings on website for further detail
ID
Length
Wire Entrance
SBS® TOOLING INFORMATION
Wire Size
Power / Ground Contacts
AWG
mm²
Power
Contact
Part
Number
Pnenumatic
Bench Tool
+ Die
+ Locator
Number of
Crimps
OR Hand
Tool
6
13.3
1339G2
1387G1
1388G6
1389G9
Single
1309G4
8
8.4
1339G5
10 to 12
5.3 to 3.3
1339G3
1388G7
6
13.3
1340G1
1388G6
1389G20
8
8.4
1340G2
10 to 12
5.3 to 3.3
1340G3
1388G7
Wire Size
SBS® 75X Auxiliary Contacts
AWG
mm²
Auxiliary Contact
Part Number
APP® Hand Tool w/
Integral Locator
OR
Mil Std. Hand
Tool*
M22520/1-01
OR Pneumatic
Tool*
Number of
Crimps
+
Locator for:
TM0001 &
TP0001
12 to 24
2.5 to 0.25
All Crimp Pins
PM1000G1
TM0001
TP0001
Single
TL0001
All Crimp Sockets
TL0002
SBS® 75X Auxiliary Contact Insertion Tool: PM1002G1
SBS® 75X Auxiliary Contact Extraction Tool: PM1003G1
SBS® 75X Auxiliary Contact Insertion Inspection Tool: PM1003GX
SBS® 75X Insertion Tool: 111038G3
* TP0001 and TM0001 tools require locators TL0001 for Pins and TL0002 for Sockets.
NOTE: See website for the most current information.
The auxiliary contacts used with wire sizes 16 to 24 AWG cannot be properly inserted without the insertion tool. Properly installed auxiliary contact of
all wire gauges cannot be removed from the hosing without the extraction tool. It is highly recommended that inspection tool be used to ensure the
auxiliary contacts are seated properly.
Clamp hardware requires
phillips or flat blade
screwdriver to assemble.
[ 55.5 ]
2.18
[ 36.4 ]
1.44
[ 45.9 ]
1.81
[ 21.8 ]
0.86
[ 48.3 ]
1.90
** The given wire O.D. information is an estimate.
Cable clamps should be evaluated for performance
with the actual wire to be used.
2021-0065 DS-SBS REV C7.1
Your Best Connection™
Anderson™ will use reasonable efforts to include accurate and up-to-date content in the data sheet. All product information contained in the data sheet including ordering information,
illustrations, specifications, and dimensions, are believed to be reliable as of the date of publishing, but is subject to change without notice. Anderson™ makes no warranty or representation as
to its accuracy. Content in the data sheet may contain technical inaccuracies, typographical errors and may be changed or updated without notice. Anderson™ may also make improvements
and/or changes to the products and/or to the programs described in the content at any time without notice. Current sales drawings and specifications are available upon request.
©2021 Anderson Power Products, Inc. All rights reserved. APP®, A®, Anderson Power Products®, SBS® and the APP Logo are registered trademarks of Anderson Power Products, Inc.
Anderson™ and Your Best Connection™ are trademarks of Anderson Power Products, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com