Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BXEM-57C0130-R-30D Datasheet(PDF) 20 Page - Bridgelux, Inc.

Part # BXEM-57C0130-R-30D
Description  Bridgelux® SMD 3030 Series
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGELUX [Bridgelux, Inc.]
Direct Link  https://www.bridgelux.com/
Logo BRIDGELUX - Bridgelux, Inc.

BXEM-57C0130-R-30D Datasheet(HTML) 20 Page - Bridgelux, Inc.

Back Button BXEM-57C0130-R-30D Datasheet HTML 16Page - Bridgelux, Inc. BXEM-57C0130-R-30D Datasheet HTML 17Page - Bridgelux, Inc. BXEM-57C0130-R-30D Datasheet HTML 18Page - Bridgelux, Inc. BXEM-57C0130-R-30D Datasheet HTML 19Page - Bridgelux, Inc. BXEM-57C0130-R-30D Datasheet HTML 20Page - Bridgelux, Inc. BXEM-57C0130-R-30D Datasheet HTML 21Page - Bridgelux, Inc. BXEM-57C0130-R-30D Datasheet HTML 22Page - Bridgelux, Inc. BXEM-57C0130-R-30D Datasheet HTML 23Page - Bridgelux, Inc. BXEM-57C0130-R-30D Datasheet HTML 24Page - Bridgelux, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
18
Typical Color Spectrum
Figure 9: Typical Color Spectrum
Notes for Figure 9:
1. Color spectra measured at nominal current for T
sp = 25°C
2. Color spectra shown for warm white is 2700K and 90 CRI.
3. Color spectra shown for warm white is 3000K and 80 CRI.
4. Color spectra shown for neutral white is 4000K and 80 CRI.
5 Color spectra shown for cool white is 5000K and 70 CRI.
6. Color spectra shown for cool white is 6500K and 70 CRI.
0.0
0.2
0.4
0.6
0.8
1.0
400
450
500
550
600
650
700
750
800
Wavelength (nm)
2700K
3000K
4000K
5000K
6500K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com