Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GHCSSRML.24 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # GHCSSRML.24
Description  OSLON® Optimal
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GHCSSRML.24 Datasheet(HTML) 2 Page - OSRAM GmbH

  GHCSSRML.24 Datasheet HTML 1Page - OSRAM GmbH GHCSSRML.24 Datasheet HTML 2Page - OSRAM GmbH GHCSSRML.24 Datasheet HTML 3Page - OSRAM GmbH GHCSSRML.24 Datasheet HTML 4Page - OSRAM GmbH GHCSSRML.24 Datasheet HTML 5Page - OSRAM GmbH GHCSSRML.24 Datasheet HTML 6Page - OSRAM GmbH GHCSSRML.24 Datasheet HTML 7Page - OSRAM GmbH GHCSSRML.24 Datasheet HTML 8Page - OSRAM GmbH GHCSSRML.24 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
GH CSSRML.24
DATASHEET
DATASHEET
2 | Version 1.0 | 2022-04-29
OSLON® Optimal
GH CSSRML.24
A brand new family of LEDs with our ams OSRAM’s
latest chip technology, delivering significant
performance upgrades. Offered in four colors for ease of design
and flexibility for all your horticulture spectrum needs. With Hy-
per Red (660 nm), Deep Blue (450 nm), Far Red (730 nm) and
Horti White options to select from both narrow spectrum and full
spectrum solutions can be designed to meet all crop needs for
both greenhouses and vertical farms.
The OSLON® Optimal strikes a perfect balance of
performance and cost along with proven robustness,
high reliability and long lifetime.
Applications
- Architecture
- Horticulture Lighting
- Photo Therapy
Features
- Package: SMT ceramic package with silicone lens
- Typ. Radiation: 120° (Lambertian emitter)
- ESD: 8 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)
- Radiant Flux: typ. 520 mW
- Radiant Efficiency: typ. 74.3%
- Photon Flux: typ. 2.84 umol/s
- Photon Flux Efficacy: typ. 4.06 umol/J



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com