Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSBS75XCLP2 Datasheet(PDF) 8 Page - Anderson Power Products, Inc.

Part # PSBS75XCLP2
Description  SBS® Connectors Up to 110 amps
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APP [Anderson Power Products, Inc.]
Direct Link  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.

PSBS75XCLP2 Datasheet(HTML) 8 Page - Anderson Power Products, Inc.

Back Button PSBS75XCLP2 Datasheet HTML 3Page - Anderson Power Products, Inc. PSBS75XCLP2 Datasheet HTML 4Page - Anderson Power Products, Inc. PSBS75XCLP2 Datasheet HTML 5Page - Anderson Power Products, Inc. PSBS75XCLP2 Datasheet HTML 6Page - Anderson Power Products, Inc. PSBS75XCLP2 Datasheet HTML 7Page - Anderson Power Products, Inc. PSBS75XCLP2 Datasheet HTML 8Page - Anderson Power Products, Inc. PSBS75XCLP2 Datasheet HTML 9Page - Anderson Power Products, Inc. PSBS75XCLP2 Datasheet HTML 10Page - Anderson Power Products, Inc. PSBS75XCLP2 Datasheet HTML 11Page - Anderson Power Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
- 74 -
All Data Subject To Change Without Notice
www.andersonpower.com
ATTRIBUTES
SBS® 75X
AMP Rating AC/DC - Power only
6 AWG - 75A, 8 AWG 65A - 10 AWG - 45A, 12 AWG - 35A
Power Contacts and Auxiliary Contacts (Auxiliary contacts at 15A) 6 AWG - 75A, 8 AWG 60A - 10 AWG - 35A, 12 AWG - 30A
Auxiliary Contacts
12 AWG - 15A
Voltage Rating AC/DC (Steady State)
600V AC/DC (Operational)
Auxiliary Contacts
12 AWG - 15A
Breaking Capacity - AMP Rating / Cycles - Power Contacts
6 AWG - 50A, 120 VDC / 250 Cycles
Breaking Capacity - Auxiliary Contacts
12 AWG - 5A, 120 VDC / 250 Cycles
Voltage Rating (Breaking Capacity)
120 VDC
Finger Safety - Mated Only
IEC 60529 - IP20
Wire Size Tested
Power 12 AWG, 10 AWG , 8 AWG, 6AWG / Signal 12 AWG
Contact Series Tested
Power 1339G2, 1339G3, 1339G5
Auxiliary Contacts
PM16P12S30, PM16S12S32
Climatic Testing (Cold, Heat & MFG)
IEC 60512 Test - 11j, 11i & 11g,
Cycle Life
IEC 60512 Test 9a - 5,000 Cycles
Mechanical Strength Impact
IEC 60512-5 @ 29.5 Inches - Dropped 8 Times
Temperature Range
-20°C to 105°C
-4°F to 221°F
IEC INFORMATION
Connector
Series
Configurations
Creepage /
Clearance
per IEC
60950-1
Material
Group
SBS® 75X
Unmated
3.33 mm
IIIa
Mated
4.64 mm
PROTECTION
Touch Safety with Wire Contacts & PCB Mating
Interface
IEC 60950
Pass
IEC 60529
IP20
Connector
Series
Configurations
Creepage /
Clearance
per IEC
60950-1
Material
Group
SBS® 75G
Unmated
3.33 mm
IIIa
Mated
4.64 mm
Connector
Series
Configurations
Creepage /
Clearance
per IEC
60950-1
Material
Group
SBS® 50
Unmated
3.85 mm
IIIa
Mated
4.64 mm
ATTRIBUTES
SBS® 50
AMP Rating AC/DC - Power Only
6 AWG - 75A
, 8 AWG 65A - 10 AWG - 45A, 12 AWG - 35A
Voltage Rating AC/DC (Steady State)
600 AC / DC (Operational)
Auxiliary Contacts
NA
Breaking Capacity - AMP Rating / Cycles - Power Contacts
6 AWG - 50A, 120 VDC / 250 Cycles
Breaking Capacity - Auxiliary Contacts
NA
Voltage Rating (Breaking Capacity)
120 VDC
Finger Safety - Mated only
IEC 60529 - IP20
Wire Size Tested
Power 12, 10, 8, 6 AWG
Contact Series Tested
1339G2, 1339G3, 1339G5
Auxiliary contacts
NA
Climatic Testing (Cold, Heat & MFG)
IEC 60512 Test - 11j, 11i & 11g
Cycle Life
IEC 60512 Test 9a - 5,000 Cycles
Mechanical Strength Impact
IEC 60512-5 @ 29.5 Inches - Dropped 8 Times
Temperature Range
-20°C to 105°C
-4°F to 221°F



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com