Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMHSG-R Datasheet(PDF) 6 Page - Anderson Power Products, Inc.

Part # BMHSG-R
Description  PP15/45 series are the smallest Powerpole® housings.
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APP [Anderson Power Products, Inc.]
Direct Link  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.

BMHSG-R Datasheet(HTML) 6 Page - Anderson Power Products, Inc.

Back Button BMHSG-R Datasheet HTML 2Page - Anderson Power Products, Inc. BMHSG-R Datasheet HTML 3Page - Anderson Power Products, Inc. BMHSG-R Datasheet HTML 4Page - Anderson Power Products, Inc. BMHSG-R Datasheet HTML 5Page - Anderson Power Products, Inc. BMHSG-R Datasheet HTML 6Page - Anderson Power Products, Inc. BMHSG-R Datasheet HTML 7Page - Anderson Power Products, Inc. BMHSG-R Datasheet HTML 8Page - Anderson Power Products, Inc. BMHSG-R Datasheet HTML 9Page - Anderson Power Products, Inc. BMHSG-R Datasheet HTML 10Page - Anderson Power Products, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
- 35 -
All Data Subject To Change Without Notice
www.andersonpower.com
[ 102.2 ]
4.03
[ 86.2 ]
3.39
[ 85.8 ]
3.38
[ 53 ]
2.09
[ 43.2 ]
1.70
[ 51.1 ]
2.01
Blindmate Pak Connector
Ideal for panel to panel, bulkhead to bulkhead, or rack mount applications that require the
power connector to compensate for up to 0.45 in. (11.43 mm) of misalignment in either axis.
Eight positions can be filled with Powerpole® 10 to 45 connectors. The receptacle side can be
used with wire or PCB contacts. Hardware bag includes retaining pins.
Description
Part Numbers
Minimum Quantity
50
25
2x4 Blindmate Plug Shell, Hardware & Pins
-
BMPP10-45P
2x4 Blindmate Receptacle Shell, Hardware & Pins
-
BMPP10-45R
2x4 Blindmate Plug Shell
BMHSG-P
-
2x4 Blindmate Receptacle Shell
BMHSG-R
-
Hardware Bag Plug Side
-
110G50
Hardware Bag Receptacle Side
-
110G51
“T” Pak 2 Way Splitter
The Powerpole® “T” Pak connector is a 2 way electrical splitter that splits electrical current from
one incoming circuit into two outgoing circuits. The standard configuration is pre-wired for AC
3 phase, 3 wire plus ground configurations. The “T” Pak can also be used for AC single phase
plus ground or DC 2 wire plus ground applications by not using either the red or white power
positions. “T” Pak is pre-wired from the factory allowing plug and play field installation
of modular office and industrial equipment. UL recognition up to 20 amps and 600 volts is
achieved when mating Powerpole® Pak plugs with 12 AWG wire.
For OEM manufacturing scale applications, the “T” Pak can be loaded with custom
configurations of any of our finger proof, standard, or ground housings and contacts
in the PP15/45 series. Contact sales or customer service for additional information.
Description
Part Numbers
Minimum Quantity
80
Assembled “T” Pak
20-01
Mating Plug Shell with Latch 2x2
26-01
Mating Plug Shell without Latch 2x2
27-01
Standard configuration for each side of the T includes (1) each Red, Black, and White Standard
PP15/45 Housings & 261G2-LPBK contacts with (1) 45A Green Premate Ground Housing and
1830G1-LPBK contact.
Mating plug shells include (1) each Red, Black, and White Standard PP15/45 Housings & (3)
261G2-LPBK contacts with (1) 45A Green Premate Ground Housing and 1830G1-LPBK
contact. Cable clamp & hardware pack also included.
[ 30.2 ]
1.19
[21.5]
0.85
[4.4]
0.17
[ 88.6 ]
3.49
[ 76.4 ]
3.01
[ 5.0 ]
Ø 0.20 4
[ 38.6 ]
1.52
[ 50.8 ]
2.00
A
B
C
Mates With B
Mates With A & C
27 - 01
26 - 01
See our innovative MARC Connector that offers straight-on or rotational blindmate capability. MARC
holds 6 PP15/45 power contacts and 2 PP15/45 premate ground contacts in a high temperature housing.
Visit our website www.andersonpower.com to learn more.
[ 58.93 ]
2.320
[ 24.38 ]
0.960
[ 13.46 ]
0.530
[ 3.05 ]
0.120
[47.24]
1.860
[ 36.7 ]
1.45
[ 29.14 ]
1.147
[ 36.7 ]
1.45
[ 0.64 ]
0.025
[ 0.64 ]
0.025



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com