Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMC10H172SSD Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMC10H172SSD
Description  COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMC10H172SSD Datasheet(HTML) 2 Page - Diodes Incorporated

  DMC10H172SSD Datasheet HTML 1Page - Diodes Incorporated DMC10H172SSD Datasheet HTML 2Page - Diodes Incorporated DMC10H172SSD Datasheet HTML 3Page - Diodes Incorporated DMC10H172SSD Datasheet HTML 4Page - Diodes Incorporated DMC10H172SSD Datasheet HTML 5Page - Diodes Incorporated DMC10H172SSD Datasheet HTML 6Page - Diodes Incorporated DMC10H172SSD Datasheet HTML 7Page - Diodes Incorporated DMC10H172SSD Datasheet HTML 8Page - Diodes Incorporated DMC10H172SSD Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
DMC10H172SSD
Document number: DS43992 Rev. 2 - 2
2 of 10
www.diodes.com
March 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
DMC10H172SSD
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Q1
Q2
Units
Drain-Source Voltage
VDSS
100
-100
V
Gate-Source Voltage
VGSS
±20
±20
V
Continuous Drain Current (Note 6)
Q1: VGS = 10V
Q2: VGS = -10V
Steady
State
TA = +25°C
TA = +70°C
ID
2.0
1.6
-1.7
-1.4
A
Maximum Body Diode Forward Current (Note 6)
IS
2.0
-1.7
A
Pulsed Drain Current (10µs Pulse, Duty Cycle = 1%)
IDM
16
-13
A
Avalanche Current, L = 1.43mH
IAS
5.3
-6
A
Avalanche Energy, L = 1.43mH
EAS
20
25
mJ
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Total Power Dissipation (Note 5)
PD
1.1
W
Thermal Resistance, Junction to Ambient (Note 5)
Steady State
RJA
110
°C/W
Total Power Dissipation (Note 6)
PD
1.5
W
Thermal Resistance, Junction to Ambient (Note 6)
Steady State
RJA
80
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics N-Channel Q1 (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 7)
Drain-Source Breakdown Voltage
BVDSS
100
V
VGS = 0V, ID = 250μA
Zero Gate Voltage Drain Current
IDSS


1
µA
VDS = 100V, VGS = 0V
Gate-Source Leakage
IGSS
100
nA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 7)
Gate Threshold Voltage
VGS(TH)
1
3
V
VDS = VGS, ID = 250µA
Static Drain-Source On-Resistance
RDS(ON)
103
160
m
Ω
VGS = 10V, ID = 1.6A
110
200
VGS = 4.5V, ID = 1.3A
Diode Forward Voltage
VSD
0.7
1.2
V
VGS = 0V, IS = 1.1A
DYNAMIC CHARACTERISTICS (Note 8)
Input Capacitance
Ciss
1145
pF
VDS = 50V, VGS = 0V
f = 1MHz
Output Capacitance
Coss
26
Reverse Transfer Capacitance
Crss
20
Gate Resistance
RG

1.3

VDS = 0V, VGS = 0V, f = 1MHz
Total Gate Charge (VGS = 4.5V)
Qg
9.6
nC
VDS = 50V, ID = 1A
Total Gate Charge (VGS = 10V)
Qg

19.6

Gate-Source Charge
Qgs
2.7
Gate-Drain Charge
Qgd
3.3
Turn-On Delay Time
tD(ON)
9
ns
VDS = 50V, VGS = 4.5V,
RG = 6.8Ω
ID = 1A
Turn-On Rise Time
tR
13
Turn-Off Delay Time
tD(OFF)
22
Turn-Off Fall Time
tF

7.5

Body Diode Reverse Recovery Time
tRR

19

ns
IF = 1A, di/dt = 100A/μs
Body Diode Reverse Recovery Charge
QRR

14

nC
Notes:
5. Device mounted on FR-4 substrate PC board, 2oz copper, with minimum recommended pad layout.
6. Device mounted on FR-4 substrate PC board, 2oz copper, with 1inch square copper plate.
7. Short duration pulse test used to minimize self-heating effect.
8. Guaranteed by design. Not subject to product testing.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com