Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPS1035FIA-13 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DPS1035FIA-13
Description  24V/3.5A 1-CH POWER SWITCH W/ REVERSE-VOLTAGE PROTECTION
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DPS1035FIA-13 Datasheet(HTML) 2 Page - Diodes Incorporated

  DPS1035FIA-13 Datasheet HTML 1Page - Diodes Incorporated DPS1035FIA-13 Datasheet HTML 2Page - Diodes Incorporated DPS1035FIA-13 Datasheet HTML 3Page - Diodes Incorporated DPS1035FIA-13 Datasheet HTML 4Page - Diodes Incorporated DPS1035FIA-13 Datasheet HTML 5Page - Diodes Incorporated DPS1035FIA-13 Datasheet HTML 6Page - Diodes Incorporated DPS1035FIA-13 Datasheet HTML 7Page - Diodes Incorporated DPS1035FIA-13 Datasheet HTML 8Page - Diodes Incorporated DPS1035FIA-13 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
DPS1035
Document number: DS38925 Rev. 7 - 2
2 of 11
www.diodes.com
November 2019
© Diodes Incorporated
DPS1035
Typical Application Circuit
DPS1035
1
2
3
4
5
6
IN
IN
IN
EN
NC
GND
17
16
15
14
13
12
OUT
OUT
OUT
VLIM
NC
DV/DT
RVLIM
240k
Ω
CDV/DT
6.8nF
COUT
10
μF
CIN
10
μF
R3
10k
Ω
3.3V
OFF
ON
VEN
CVREG
0.1
μF
VIN
VOUT
SRC
CFLT
0.1
μF
Pin Descriptions
Pin Number
Pin Name
Type
Function
1, 2, 3
IN
P
Power Supply and Input Port.
4
EN
I
Enable. ‘0’ = device OFF; ‘1’ = device ON. This pin must not be left floating.
5, 11, 13
NC
—
No Connection. All NC pins must be left floating.
6
GND
GND
Device Ground
7
VREG
I/O
Voltage Regulator. A 0.1
μF capacitor is recommended between this pin and ground.
8
DISC1
I
IN Port Discharge Control.
’1’ = port voltage to be discharged; ‘0’ = disabled.
9
DISC2
I
OUT Port Discharge Control.
’1’ = port voltage to be discharged; ‘0’ = disabled.
10
FAULTB
O
Fault Status Indicator. An external pull-up resistor is required. This active-low pin shall be tied to
GND when not used.
12
DV/DT
I/O
Ramp-up Control. A capacitor between this pin and GND sets the ramp-up rate.
14
VLIM
I/O
Voltage Limit Setting. A resistor between this pin and GND sets the over-voltage limit of the IN port.
15, 16, 17
OUT
O
Output Port.
18
(Exposed Pad)
SRC
I/O
Common Source. The exposed pad of the V-QFN4040-17 package must not be connected to any
signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com