Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3WVR12412 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # PI3WVR12412
Description  HDMI 2.0, DisplayPort 1.2 Video Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3WVR12412 Datasheet(HTML) 3 Page - Diodes Incorporated

  PI3WVR12412 Datasheet HTML 1Page - Diodes Incorporated PI3WVR12412 Datasheet HTML 2Page - Diodes Incorporated PI3WVR12412 Datasheet HTML 3Page - Diodes Incorporated PI3WVR12412 Datasheet HTML 4Page - Diodes Incorporated PI3WVR12412 Datasheet HTML 5Page - Diodes Incorporated PI3WVR12412 Datasheet HTML 6Page - Diodes Incorporated PI3WVR12412 Datasheet HTML 7Page - Diodes Incorporated PI3WVR12412 Datasheet HTML 8Page - Diodes Incorporated PI3WVR12412 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
A Product Line of
Diodes Incorporated
PI3WVR12412
www.diodes.com
November 2021
Diodes Incorporated
PI3WVR12412
Document Number DS40196 Rev 2-2
GND
D0-
D0+
DDC/ AUX_HPD_SEL
GPU_SEL
D1+
D1-
D2-
D2+
D3-
D3+
Vdd
SDA/ AUX-
SCL/ AUX+
D2-A
D2+A
D3-A
D3+A
D0-B
D0+B
Vdd
GND
D1-B
D1+B
D2-B
D2+B
D3-B
D3+B
OE
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
HPD_B
HPD_A
SDA_A/ AUX-_A
SCL_A/ AUX+_A
GND
(43)
GND
Pin#
Pin Name
Signal Type Description
1
GND
Ground
Ground
2
GPU_SEL
I
Switch logic control
3
D0-
I/O
Negative differential signal 0 for COM port
4
D0+
I/O
Positive differential signal 0 for COM port
5
DDC/ AUX_HPD_SEL
I
Switch logic control for DDC/ AUX and HPD
6
D1-
I/O
Negative differential signal 1 for COM port
7
D1+
I/O
Positive differential signal 1 for COM port
8
D2-
I/O
Negative differential signal 2 for COM port
9
D2+
I/O
Positive differential signal 2 for COM port
10
D3-
I/O
Negative differential signal 3 for COM port
11
D3+
I/O
Positive differential signal 3 for COM port
12
VDD
Power
3.3V +/-10% power supply
13
SDA/ AUX-
I/O
SDA signal for DDC COM port, or negative differential signal for AUX
COM port
Pin Configuration
Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com